Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 29Page - Maxim Integrated Products CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products CDH2D09 Datasheet HTML 32Page - Maxim Integrated Products CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products CDH2D09 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
33
The MAX8671X uses external resistor-dividers to set the
step-down output voltages between 1V and VSYS. Use at
least 10µA of bias current in these dividers to ensure no
change in the stability of the closed-loop system. To set
the output voltage, select a value for the resistor con-
nected between FB_ and AGND (RFBL). The recom-
mended value is 100k
Ω. Next, calculate the value of the
resistor connected from FB_ to the output (RFBH):
REG1, REG2, and REG3 are optimized for high, medi-
um, and low output voltages, respectively. The highest
overall efficiency occurs with V1 set to the highest out-
put voltage and V3 set to the lowest output voltage.
PWM
The MAX8671X operates in either auto-PWM or forced-
PWM modes. At light load, auto PWM switches only as
needed to supply the load to improve light-load effi-
ciency of the step-down converter. At higher load cur-
rents (~100mA), the step-down converter transitions to
fixed 2MHz switching. Forced PWM always operates
with a constant 2MHz switching frequency regardless
of the load. This is useful in low-noise applications.
Permanently connect PWM high for forced-PWM appli-
cations or low for auto-PWM applications. Do not
change PWM on-the-fly.
Step-Down Dropout and Minimum Duty Cycle
All the step-down regulators are capable of operating
in 100% duty-cycle dropout; however, REG1 has been
optimized for this mode of operation. During 100%
duty-cycle operation, the high-side p-channel MOSFET
turns on constantly, connecting the input to the output
through the inductor. The dropout voltage (VDO) is cal-
culated as follows:
VDO = ILOAD (RP + RL)
where:
RP = p-channel power switch RDS(ON)
RL = external inductor ESR
The minimum duty cycle for all step-down regulators is
12.5% (typ), allowing a regulation voltage as low as 1V
over the full SYS operating range. REG3 is optimized
for low duty-cycle operation.
Step-Down Input Capacitors
The input capacitor in a step-down converter reduces
current peaks drawn from the power source and
reduces switching noise in the controller. The imped-
ance of the input capacitor at the switching frequency
must be less than that of the source impedance of the
supply so that high-frequency switching currents do not
pass through the input source.
The step-down regulator power inputs are critical dis-
continuous current paths that require careful bypass-
ing. In the PCB layout, place the step-down regulator
input bypass capacitors as close as possible to each
pair of switching regulator power input pins (PV_ to
PG_) to minimize parasitic inductance. If making con-
nections to these caps through vias, be sure to use
multiple vias to ensure that the layout does not insert
excess inductance or resistance between the bypass
cap and the power pins.
The input capacitor must meet the input ripple current
requirement imposed by the step-down converter.
Ceramic capacitors are preferred due to their low ESR
and resilience to power-up surge currents. Choose the
input capacitor so that its temperature rise due to input
ripple current does not exceed about +10°C. For a
step-down DC-DC converter, the maximum input ripple
current is half of the output current. This maximum input
ripple current occurs when the step-down converter
operates at 50% duty factor (VIN = 2 x VOUT).
Bypass each step-down regulator input with a 4.7µF
ceramic capacitor from PV_ to PG_. Use capacitors
that maintain their capacitance over temperature and
DC bias. Ceramic capacitors with an X7R or X5R tem-
perature characteristic generally perform well. The
capacitor voltage rating should be 6.3V or greater.
Step-Down Output Capacitors
The output capacitance keeps output ripple small and
ensures control loop stability. The output capacitor
must have low impedance at the switching frequency.
Ceramic, polymer, and tantalum capacitors are suit-
able, with ceramic exhibiting the lowest ESR and lowest
high-frequency impedance. The MAX8671X requires at
least 20µF of output capacitance, which is best
achieved with two 10µF ceramic capacitors in parallel.
As the case sizes of ceramic surface-mount capacitors
decrease, their capacitance vs. DC bias voltage char-
acteristic becomes poor. Due to this characteristic, it is
possible for 0805 capacitors to perform well while 0603
capacitors of the same value might not. The MAX8671X
requires a nominal output capacitance of 20µF; howev-
er, after their DC bias voltage derating, the output
capacitance must be at least 15µF.
RR
V
V
FBH
FBL
OUT
=×
−
⎛
⎝⎜
⎞
⎠⎟
10
1
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com