Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products CDH2D09 Datasheet HTML 22Page - Maxim Integrated Products CDH2D09 Datasheet HTML 23Page - Maxim Integrated Products CDH2D09 Datasheet HTML 24Page - Maxim Integrated Products CDH2D09 Datasheet HTML 25Page - Maxim Integrated Products CDH2D09 Datasheet HTML 26Page - Maxim Integrated Products CDH2D09 Datasheet HTML 27Page - Maxim Integrated Products CDH2D09 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
24
______________________________________________________________________________________
POWER SOURCE
DOK
UOK
PEN1
PEN2
USUS
DC INPUT
CURRENT
LIMIT
USB INPUT
CURRENT
LIMIT
MAXIMUM
CHARGE
CURRENT*
AC-to-DC Adapter at
DC Input
LX
H
X
X
IDCLIM
Lower of ICHGMAX
and
IDCLIM
L
X
L
L
L
100mA
Lower of ICHGMAX
and
100mA
L
X
L
H
L
500mA
Lower of ICHGMAX
and
500mA
USB Power at DC Input
L
X
L
X
H
Suspend
USB input off,
DC input has
priority
0
H
L
X
L
L
100mA
Lower of ICHGMAX
and
100mA
H
L
X
H
L
500mA
Lower of ICHGMAX
and
500mA
USB Power at USB
Input, DC Unconnected
H
L
X
X
H
Suspend
0
DC and USB
Unconnected
HH
X
X
X
No DC input
No USB input
0
Table 1. Input Limiter Control Logic
*
Charge current cannot exceed the input current limit. Charge can be less than the maximum charge current if the total SYS load
exceeds the input current limit.
X = Don’t care.
Detailed Description
The MAX8671X highly integrated PMIC is ideally suited
for use in portable audio player and handheld applica-
tions. As shown in Figure 2, the MAX8671X integrates
USB power input, AC-to-DC adapter power input (DC),
Li+/Li-Poly battery charger, three step-down regulators,
two linear regulators, and various monitoring and status
outputs. The MAX8671X offers adjustable output volt-
ages for all outputs.
Smart Power Selector
The MAX8671X Smart Power Selector seamlessly dis-
tributes power between the two current-limited external
inputs (USB and DC), the battery (BAT), and the sys-
tem load (SYS). The basic functions performed are:
• With both an external power supply (USB or DC)
and battery (BAT) connected:
When the system load requirements are less than
the input current limit, the battery is charged with
residual power from the input.
When the system load requirements exceed the
input current limit, the battery supplies supple-
mental current to the load through the internal sys-
tem load switch.
• When the battery is connected and there is no exter-
nal power input, the system (SYS) is powered from
the battery.
• When an external power input is connected and
there is no battery, the system (SYS) is powered
from the external power input.
The dual-input Smart Power Selector supports end
products with dual and single external power inputs.
For end products with dual external power inputs, con-
nect these inputs directly to the DC and USB nodes of
the MAX8671X. For end products with a single input,
connect the single input to the DC node and connect
USB to ground or leave it unconnected. In addition to
AC-to-DC adapters current limits, the DC input also
supports USB current limit to allow for end products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com