Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 4Page - Maxim Integrated Products CDH2D09 Datasheet HTML 5Page - Maxim Integrated Products CDH2D09 Datasheet HTML 6Page - Maxim Integrated Products CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
8
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Prequalification Time
tPQ
CCT = 0.15µF
33
min
Fast-Charge Time
tFC
CCT = 0.15µF
660
min
Top-Off Time
tTO
15
s
THERMISTOR INPUT (THM) (VDC = 5.0V, EN = low)
THM Threshold, Cold
VTHMC
VTHM rising, 65mV hysteresis
73.0
74.0
75.5
% of
VVL
THM Threshold, Hot
VTHMH
VTHM falling, 65mV hysteresis
27.0
28.4
30.0
% of
VVL
THM = AGND or VL, TA = +25°C
-0.100
0.001
+0.200
THM Input Leakage Current
ITHM
THM = AGND or VL, TA = +85°C
0.01
µA
POWER SEQUENCING (Figures 11 and 12)
EN to REG3 Enable Delay
tD1
120
µs
REG1 Soft-Start Time
tSS1
2.6
ms
REG3 to REG1/2 Delay
tD2
0.4
ms
REG2 Soft-Start Time
tSS2
2.6
ms
REG3 Soft-Start Time
tSS3
2.6
ms
REG1/2 to REG4 Delay
tD3
0.3
ms
REG4 Soft-Start Time
tSS4
3.0
ms
REG5 Soft-Start Time
tSS5
3.0
ms
REGULATOR THERMAL SHUTDOWN
Thermal Shutdown Temperature
TJ rising
+165
°C
Thermal Shutdown Hysteresis
15
°C
REG1—SYNCHRONOUS STEP-DOWN CONVERTER
Input Voltage
PV1 supplied from SYS
VSYS
V
Maximum Output Current
L = 4.7µH, RL = 0.13
Ω (Note 7)
425
mA
FB1 Voltage
(Note 8)
0.997
1.012
1.028
V
Adjustable Output Voltage Range
1
VSYS
V
TA = +25°C
-50
-5
+50
FB1 Leakage Current
VFB1 = 1.012V
TA = +85°C
-5
nA
Load Regulation
PWM mode
4.4
%/A
Line Regulation
PWM mode (Note 9)
1
%/D
p-Channel On-Resistance
VPV1 = 4V, ILX1 = 180mA
165
330
m
Ω
n-Channel On-Resistance
VPV1 = 4V, ILX1 = 180mA
200
400
m
Ω
p-Channel Current-Limit
Threshold
0.555
0.615
0.675
A
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com