Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 28Page - Maxim Integrated Products CDH2D09 Datasheet HTML 29Page - Maxim Integrated Products CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products CDH2D09 Datasheet HTML 32Page - Maxim Integrated Products CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
32
______________________________________________________________________________________
Determine ICHGMAX by considering the characteristics
of the battery. It is not necessary to limit the charge cur-
rent based on the capabilities of the expected AC-to-
DC adapter or USB charging input, the system load, or
thermal limitations of the PCB. The MAX8671X automat-
ically lowers the charging current as necessary to
accommodate these factors.
For the selected value of RCISET, calculate ICHGMAX,
IPQ, and ITO as follows:
In addition to setting the charge current, CISET also pro-
vides a means to monitor battery charge current. The
CISET output voltage tracks the charge current delivered
to the battery, and can be used to monitor the charge
rate, as shown in Figure 9. A 1.5V output indicates the
battery is being charged at the maximum set fast-charge
current, and 0V indicates no charging. This voltage is
also used by the charger control circuitry to set and
monitor the battery current. Avoid adding capacitance
directly to the CISET pin that exceeds 10pF. If filtering of
the charge current monitor is necessary, include a resis-
tor of 100k
Ω or more between CISET and the filter
capacitor to preserve charger stability.
Step-Down Converters
(REG1, REG2, REG3)
REG1, REG2, and REG3 are high-efficiency 2MHz cur-
rent-mode, step-down converters with adjustable out-
puts. Each REG1, REG2, and REG3 step-down
converter delivers at least 425mA.
The step-down regulator power inputs (PV_) must be
connected to SYS. The step-down regulators operate
with VSYS from 2.6V to 5.5V. Undervoltage lockout
ensures that the step-down regulators do not operate
with SYS below 2.6V (typ).
See the
Enable/Disable (EN) and Sequencing section
for how to enable and disable the step-down convert-
ers. When enabled, the MAX8671X gradually ramps
each output up during a soft-start time. Soft-start elimi-
nates input current surges when regulators are
enabled.
See the
PWM section for information about the step-
down converters control scheme.
I
V
R
II
II
CHGMAX
CISET
PQ
CHGMAX
TO
CHGMAX
=×
=×
=×
2000
15
10
4
.
%
%
MONITORING THE BATTERY CHARGE
CURRENT WITH VCISET
BATTERY CHARGING CURRENT (A)
DISCHARGING
1.5
0
0
x
RCISET
2000
x IBAT
VCISET =
2000
1.5V
RCISET
Figure 9. Monitoring the Battery Charge Current with the
Voltage from CISET to AGND
RCISET (k
Ω)ICHGMAX (mA)
IPQ (mA)
ITO (mA)
3.01
1000
100
40
4.02
746
75
30
4.99
601
60
24
6.04
497
50
20
6.98
430
43
17
8.06
372
37
15
9.09
330
33
13
10.0
300
30
12
11.0
273
27
11
12.1
248
25
10
13.0
231
23
9
14.0
214
21
9
15.0
200
20
8
Table 5. Ideal Charge Currents vs.
Charge Setting Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com