Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
14
______________________________________________________________________________________
3.00
3.50
4.50
4.00
5.00
5.50
0
400
200
600
800
1000
VSYS vs. SYS CURRENT
SYS CURRENT (mA)
DC OPEN, VUSB = 5.1V, VBAT = 4.0V
PEN1 = 1, PEN2 = 0, CHARGER DISABLED
3.00
3.50
4.50
4.00
5.00
5.50
0
400
200
600
800
1000
VSYS vs. SYS CURRENT
SYS CURRENT (mA)
DC OPEN, VUSB = 5.1V, VBAT = 4.0V
PEN1 = 1, PEN2 = 0, CHARGER DISABLED
0
150
100
50
200
250
300
350
400
450
500
2.0
3.0
2.5
3.5
4.0
4.5
CHARGE CURRENT vs. BATTERY
VOLTAGE WITH USB INPUT
BATTERY VOLTAGE (V)
PEN2 = 1
VUSB = 5.0V
VDC = 0V
PEN1 = 1
PEN2 = 0
0
150
100
50
200
250
300
350
400
450
500
2.0
3.0
2.5
3.5
4.0
4.5
CHARGE CURRENT
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
RCISET = 10k
Ω
VUSB = 5.0V
VDC = 0V
PEN1 = 1, PEN2 = 1
RCISET = 6.04k
Ω
0
150
100
50
200
250
300
350
400
450
500
-40
10
-15
35
60
85
CHARGE CURRENT vs. AMBIENT
TEMPERATURE, LOW POWER DISSIPATION
AMBIENT TEMPERATURE (
°C)
VUSB = 5.0V
VDC = 0V
VBAT = 4.0V
PEN1 = 1
PEN2 = 1
PEN2 = 0
0
150
100
50
200
250
300
350
400
450
500
-40
10
-15
35
60
85
CHARGE CURRENT vs. AMBIENT
TEMPERATURE, HIGH IC POWER DISSIPATION
AMBIENT TEMPERATURE (
°C)
VUSB = 6.5V
VDC = 0V
VBAT = 3.1V
PEN1 = 1
PEN2 = 1
PEN2 = 0
4.00
4.15
4.10
4.05
4.20
4.25
4.30
4.35
4.40
4.45
4.50
-40
10
-15
35
60
85
BATTERY REGULATION VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
VUSB = 5V
VDC = 0V
PEN1 = 1
PEN2 = 0
BVSET = VL
NO LOAD
3.80
3.90
3.85
4.00
3.95
4.05
4.10
0
400
200
600
800
1000
VSYS vs. SYS CURRENT
SYS CURRENT (mA)
DC OPEN, USB OPEN, VBAT = 4.0V
THE SLOPE SHOWS THE SYSTEM LOAD
SWITCH HAS AN ON-RESISTANCE OF 81m
Ω.
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com