Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 2Page - Maxim Integrated Products CDH2D09 Datasheet HTML 3Page - Maxim Integrated Products CDH2D09 Datasheet HTML 4Page - Maxim Integrated Products CDH2D09 Datasheet HTML 5Page - Maxim Integrated Products CDH2D09 Datasheet HTML 6Page - Maxim Integrated Products CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BAT is sourcing
105mA
65
82
115
BAT-to-SYS Reverse Regulation
Voltage
VBSREG
DC or USB and BAT
are sourcing current
BAT is sourcing
905mA
130
mV
DC and USB unconnected, EN = low,
VBAT = 4V
010
VDC = VUSB = 5V, USUS = high,
PEN1 = low, EN = low, VBAT = 4V
010
DC and USB unconnected, EN = high,
VBAT = 4V (step-down converters are not in
dropout), PWM = low (Note 4)
155
285
DC and USB unconnected, EN = high,
VBAT = 2.8V (at least one step-down
converter is in dropout), PWM = low (Note 4)
425
550
VDC = VUSB = 5V, USUS = high, EN = high,
VBAT = 4V, PWM = low (Note 4)
180
320
µA
Quiescent Current
IPV1 +
IPV2 +
IPV3 +
IPV4 +
IPV5 +
ISYS
DC and USB unconnected, EN = high,
VBAT = 4.0V, PWM = high
9mA
BATTERY CHARGER (VDC = 5.0V, EN = low)
BAT-to-SYS On-Resistance
RBS
VUSB = 0V, VBAT = 4.2V, ISYS = 1A
0.08
0.16
Ω
TA = +25°C
4.174
4.200
4.221
BVSET = VL or
BVSET unconnected
TA = -40°C to +85°C
4.145
4.200
4.242
TA = +25°C
4.073
4.100
4.121
BVSET = AGND
TA = -40°C to +85°C
4.047
4.100
4.141
TA = +25°C
4.325
4.350
4.376
BAT Regulation Voltage
(Figure 6)
VBATREG
RBVSET = 49.9k
Ω to
AGND
TA = -40°C to +85°C
4.297
4.350
4.398
V
BAT Recharge Threshold
VBATRCHG (Note 5)
-170
-120
-70
mV
BAT Prequalification Threshold
VBATPRQ
VBAT rising, 180mV hysteresis, Figure 6
2.9
3.0
3.1
V
RCISET Resistance Range
Guaranteed by BAT fast-charge current
limit
315
k
Ω
CISET Voltage
VCISET
RCISET = 7.5k
Ω, IBAT = 267mA, Figure 9
0.9
1.0
1.1
V
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com