Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 102 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 102 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 98Page - Sony Corporation CXD3003 Datasheet HTML 99Page - Sony Corporation CXD3003 Datasheet HTML 100Page - Sony Corporation CXD3003 Datasheet HTML 101Page - Sony Corporation CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation CXD3003 Datasheet HTML 104Page - Sony Corporation CXD3003 Datasheet HTML 105Page - Sony Corporation CXD3003 Datasheet HTML 106Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 137 page
background image
– 102 –
CXD3003R
§5-8. TRK (Tracking) and SLD (Sled) Servo Control
The TRK and SLD servos are controlled by the 8-bit command $2X. (See Table 5-9.)
When the upper 4 bits of the command register are 2 (Hex), TZC is output to the SENS pin.
D23 to D20
D19 to D16
0 0
∗ ∗
0 1
∗ ∗
1 0
∗ ∗
1 1
∗ ∗
∗ ∗ 0 0
∗ ∗ 0 1
∗ ∗ 1 0
∗ ∗ 1 1
TRACKING SERVO OFF
TRACKING SERVO ON
FORWARD TRACK JUMP
REVERSE TRACK JUMP
SLED SERVO OFF
SLED SERVO ON
FORWARD SLED MOVE
REVERSE SLED MOVE
0 0 1 0
TRACKING
MODE
2
Table 5-9.
TRK Servo
The TRK JUMP (track jump) level can be set with 6 bits (D13 to D8) of $36.
In addition, when the TRK servo is on and D17 of $1 is set to 1, the TRK servo filter switches to gain-up mode.
The filter also switches to gain-up mode when the LOCK signal goes low or when vibration is detected with the
anti-shock circuit (described hereafter) enabled.
CXD3003R has 2 types of filters in TRK gain-up mode which can be selected by setting D16 of $1. (See Table
5-17.)
SLD Servo
The SLD MOV (sled move) output, composed of a basic value from 6 bits (D13 to D8) of $37, is determined by
multiplying this value by 1
×, 2×, 3× or 4× magnification set using D17 and D16 when D18 = D19 = 0 is set with
$3. (See Table 5-10.)
SLD MOV must be performed continuously for 50µs or more. In addition, if the LOCK input signal goes low
when the SLD servo is on, the SLD servo turns off.
Note) When the LOCK signal is low, the TRK servo switches to gain-up mode and the SLD servo is turned off
by the default. These operations are disabled by setting D6 (LKSW) of $38 to 1.
D23 to D20
D19 to D16
0 0 0 0
0 0 0 1
0 0 1 0
0 0 1 1
SLED KICK LEVEL (basic value
× ±1)
SLED KICK LEVEL (basic value
× ±2)
SLED KICK LEVEL (basic value
× ±3)
SLED KICK LEVEL (basic value
× ±4)
0 0 1 1
SELECT
3
Table 5-10.
∗: Don’t care
Register name Command
Register name Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com