Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 106 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 106 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation CXD3003 Datasheet HTML 104Page - Sony Corporation CXD3003 Datasheet HTML 105Page - Sony Corporation CXD3003 Datasheet HTML 106Page - Sony Corporation CXD3003 Datasheet HTML 107Page - Sony Corporation CXD3003 Datasheet HTML 108Page - Sony Corporation CXD3003 Datasheet HTML 109Page - Sony Corporation CXD3003 Datasheet HTML 110Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 137 page
background image
– 106 –
CXD3003R
§5-13. COUT Signal
The COUT signal is output to count the number of tracks during traverse, etc. It is basically generated by
loading the MIRR signal at both edges of the TZC signal. And the used TZC signal can be selected among
three different phases for each COUT signal application.
• HPTZC: For 1-track jumps
Fast phase COUT signal generation with a fast phase TZC signal. (The TZC phase is advanced by a
cut-off 1kHz digital HPF; when MCK = 128Fs.)
• STZC: For COUT signal generation when MIRR is externally input and for applications other than
COUT generation.
This is generated from sampling TE at 700kHz. (when MCK = 128Fs)
• DTZC: For High-speed traverse
Reliable COUT signal generation with a delayed phase STZC signal.
Since it takes some time to generate the MIRR signal, it is necessary to delay the TZC signal in accordance
with the MIRR signal delay during high-speed traverse.
The COUT signal output method is switched with D15 and 14 of $3.
When D15 = 1
: STZC
When D15 = 0 and D14 = 0 : HPTZC
When D15 = 0 and D14 = 1 : DTZC
When the DTZC is selected, the delay can be selected from two values with D14 of $36.
§5-14. Serial Readout Circuit
The following measurement and adjustment results can be read out from the SENS pin by inputting the
readout clock to the SCLK pin by $39. (See Fig. 5-18, Table 5-19 and "Description of SENS Signals".)
Specified commands
$390C: VC AVRG measurement result
$3908: FE AVRG measurement result
$3904: TE AVRG measurement result
$391F: RF AVRG measurement result
$3953: FCS AGCNTL coefficient result
$3963: TRK AGCNTL coefficient result
$391C: TRVSC adjustment result
$391D: FBIAS register value
···
···
tDLS
tSPW
1/fSCLK
MSB
LSB
XLAT
SCLK
Serial Read Out Data
(SENS)
Item
Symbol
Min.
Typ.
Max.
Unit
SCLK frequency
SCLK pulse width
Delay time
fSCLK
tSPW
tDLS
31.3
15
16
MHz
ns
µs
Table 5-19.
During readout, the upper 8 bits of the command register must be 39 (Hex).
Fig. 5-18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com