Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 103 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 103 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 99Page - Sony Corporation CXD3003 Datasheet HTML 100Page - Sony Corporation CXD3003 Datasheet HTML 101Page - Sony Corporation CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation CXD3003 Datasheet HTML 104Page - Sony Corporation CXD3003 Datasheet HTML 105Page - Sony Corporation CXD3003 Datasheet HTML 106Page - Sony Corporation CXD3003 Datasheet HTML 107Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 137 page
background image
– 103 –
CXD3003R
§5-9. MIRR and DFCT Signal Generation
The RF signal obtained from the RFDC pin is sampled at approximately 1.4MHz (when MCK = 128Fs) and
loaded. The MIRR and DFCT signals are generated from this RF signal.
MIRR Signal Generation
The loaded RF signal is applied to peak hold and bottom hold circuits.
An envelope is generated from the waveforms generated in these circuits, and the MIRR comparator level is
generated from the average of this envelope waveform.
The MIRR signal is generated by comparing the waveform generated by subtracting the bottom hold value
from the peak hold value with this MIRR comparator level. (See Fig. 5-11.)
The bottom hold speed and mirror sensitivity can be selected from 4 values using D7 and 6, and D5 and 4,
respectively, of $3C.
RF
Peak Hold
Bottom Hold
Peak Hold
– Bottom Hold
MIRR
MIRR Comp
(Mirror comparator level)
H
L
RF
Peak Hold1
Peak Hold2
Peak Hold2
– Peak Hold1
DFCT
(Defect comparator level)
H
L
SDF
Fig. 5-11.
DFCT Signal Generation
The loaded RF signal is input to two peak hold circuits with different time constants, and the DFCT signal is
generated by comparing the difference between these two peak hold waveforms with the DFCT comparator
level. (See Fig. 5-12.)
The DFCT comparator level can be selected from four values using D13 and D12 of $3B.
Fig. 5-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com