Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 104 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 104 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 100Page - Sony Corporation CXD3003 Datasheet HTML 101Page - Sony Corporation CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation CXD3003 Datasheet HTML 104Page - Sony Corporation CXD3003 Datasheet HTML 105Page - Sony Corporation CXD3003 Datasheet HTML 106Page - Sony Corporation CXD3003 Datasheet HTML 107Page - Sony Corporation CXD3003 Datasheet HTML 108Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 137 page
background image
– 104 –
CXD3003R
§5-10. DFCT Countermeasure Circuit
The DFCT countermeasure circuit maintains the directionality of the servo so that the servo does not become
easily dislocated due to scratches or defects on discs.
Specifically, these operations are achieved by detecting scratch and defect with the DFCT signal generation
circuit, and when DFCT goes high, applying the low frequency element of the error signal before DFCT went
high to the FCS and TRK servo filter inputs. (See Fig. 5-13.)
In addition, these operations are activated by the default. They can be disabled by setting D7 (DFSW) of $38
to 1.
Input register
Hold register
Hold Filter
Servo Filter
EN
Error signal
DFCT
Fig. 5-13.
§5-11. Anti-Shock Circuit
When vibrations occurs in the CD player, this circuit forces the TRK filter to switch to gain-up mode so that the
servo does not become easily dislocated. This circuit is for systems which require vibration countermeasures.
Concretely, vibrations are detected using an internal anti-shock filter and comparator circuit, and the gain is
increased. (See Fig. 5-14.)
The comparator level is fixed to 1/16 of the maximum comparator input amplitude. However, the comparator
level is practically variable by adjusting the value of the anti-shock filter output coefficient K35.
This function can be turned on and off by D19 of $1 when the brake circuit (described hereafter) is off. (See
Table 5-17.)
This circuit can also support an external vibration detection circuit, and can set the TRK servo filter to gain-up
mode by inputting high level to the ATSK pin.
When the upper 8 bits of the command register are $1, vibration detection can be monitored from the SENS
pin.
TE
Anti Shock
Filter
TRK Gain Up
Filter
TRK Gain Normal
Filter
TRK
PWM Gen
ATSK
SENS
Comparator
Fig. 5-14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com