Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 49Page - STMicroelectronics SPEAR320 Datasheet HTML 50Page - STMicroelectronics SPEAR320 Datasheet HTML 51Page - STMicroelectronics SPEAR320 Datasheet HTML 52Page - STMicroelectronics SPEAR320 Datasheet HTML 53Page - STMicroelectronics SPEAR320 Datasheet HTML 54Page - STMicroelectronics SPEAR320 Datasheet HTML 55Page - STMicroelectronics SPEAR320 Datasheet HTML 56Page - STMicroelectronics SPEAR320 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
SPEAr320
Timing requirements
Doc ID 16755 Rev 5
53/73
7.4
CLCD timing characteristics
The characterization timing is done considering an output load of 10 pF on all the outputs.
The CLCD has a wide variety of configurations and setting and the parameters change
accordingly. Figure 9 and Table 32 specify the clock to output delay.
Figure 9.
CLCD waveform
Table 32.
CLCD timings
Symbol
Description
Min
Max
Unit
tCK
CLCP clock period
20.83
41.66
ns
tD
CLCP to CLCD output data delay
0.97
3.74
ns
tCK
tD
CLD[23:0], CLAC,
CLLE, CLLP, CLFP,
CLPOWER
CLCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com