Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 17Page - STMicroelectronics SPEAR320 Datasheet HTML 18Page - STMicroelectronics SPEAR320 Datasheet HTML 19Page - STMicroelectronics SPEAR320 Datasheet HTML 20Page - STMicroelectronics SPEAR320 Datasheet HTML 21Page - STMicroelectronics SPEAR320 Datasheet HTML 22Page - STMicroelectronics SPEAR320 Datasheet HTML 23Page - STMicroelectronics SPEAR320 Datasheet HTML 24Page - STMicroelectronics SPEAR320 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
21/73
Slave bulk transfer mode
Ignores CBUS addresses (predessor to I2C that used to share the I2C bus)
Transmit and receive buffers
Interrupt or polled-mode operation
Handles bit and byte waiting at all bus speeds
Digital filter for the received SDA and SCL lines
Handles component parameters for configurable software driver support
Supports APB data bus widths of 8, 16 and 32 bits.
3.18
UARTs
The SPEAr320 has 3 UARTs with different capabilities.
3.18.1
UART0
Main features:
Separate 16 x 8 (16 locations deep x 8-bit wide) transmit and 16 x 12 receive FIFOs to
reduce CPU interrupts
Speed up to 3 Mbps
Hardware and/or software flow control
Modem interface signals
3.18.2
UART1
Main features:
Separate 16 x 8 (16 location deep x 8-bit wide) transmit and 16x12 receive FIFOs to
reduce CPU interrupts
Speed up to 7 Mbps
Hardware flow control (in Small Printers and Automation Expansion modes only) and/or
software flow control
3.18.3
UART2
Main features:
Separate 16x8 (16 location deep x 8-bit wide) transmit and 16x12 receive FIFOs to
reduce CPU interrupts
Speed up to 7 Mbps
Software flow control
3.19
JPEG CODEC
SPEAr320 provides a JPEG CODEC with header processing (JPGC), able to decode (or
encode) image data contained in the SPEAr320 RAM, from the JPEG (or MCU) format to
the MCU (or JPEG) format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com