Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 9Page - STMicroelectronics SPEAR320 Datasheet HTML 10Page - STMicroelectronics SPEAR320 Datasheet HTML 11Page - STMicroelectronics SPEAR320 Datasheet HTML 12Page - STMicroelectronics SPEAR320 Datasheet HTML 13Page - STMicroelectronics SPEAR320 Datasheet HTML 14Page - STMicroelectronics SPEAR320 Datasheet HTML 15Page - STMicroelectronics SPEAR320 Datasheet HTML 16Page - STMicroelectronics SPEAR320 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
13/73
Main features:
Supports SPI-compatible Flash and EEPROM devices
Acts always as a SPI master and up to 2 SPI slave memory devices are supported
(with separate chip select signals), with up to 16 MB address space each
SMI clock signal (SMICLK) is generated by SMI (and input to all slaves) using a clock
provided by the AHB bus
SMICLK can be up to 50 MHz in fast read mode (or 20 MHz in normal mode). It can be
controlled by a programmable 7-bit prescaler allowing up to 127 different clock
frequencies.
3.5
External memory interface (EMI)
The EMI Controller provides a simple external memory interface that can be used for
example to connect to NOR Flash memory or FPGA devices.
Main features:
EMI bus master
16 and 8-bit transfers
Can access 4 different peripherals using CS#, one at a time.
Supports single asynchronous transfers.
Supports peripherals which use Byte Lane procedure
3.6
SDIO controller/MMC card interface
The SDIO host controller conforms to the SD host Controller Standard Specification Version
2.0. It handles SDIO/SD Protocol at transmission level, packing data, adding cyclic
redundancy check (CRC), start/end bit and checking for transaction format correctness. The
host controller provides programmed I/O and DMA data transfer method.
Main features:
Meets the following specifications:
SD Host Controller Standard Specification Version 2.0
SDIO card specification version 2.0
SD Memory Card Specification Draft version 2.0
SD Memory Card Security Specification version 1.01
MMC Specification version 3.31 and 4.2
Supports both DMA and Non-DMA mode of operation
Supports MMC Plus and MMC Mobile
Card Detection (Insertion / Removal)
Card password protection
Host clock rate variable between 0 and 48 MHz
Supports 1 bit, 4 bit and 8 bit SD modes and SPI mode
Supports Multi Media Card Interrupt mode
Allows card to interrupt host in 1 bit, 4 bit, 8 bit SD modes and SPI mode.
Up to 100 Mbits per second data rate using 4 parallel data lines (SD4 bit mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com