Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 35Page - STMicroelectronics SPEAR320 Datasheet HTML 36Page - STMicroelectronics SPEAR320 Datasheet HTML 37Page - STMicroelectronics SPEAR320 Datasheet HTML 38Page - STMicroelectronics SPEAR320 Datasheet HTML 39Page - STMicroelectronics SPEAR320 Datasheet HTML 40Page - STMicroelectronics SPEAR320 Datasheet HTML 41Page - STMicroelectronics SPEAR320 Datasheet HTML 42Page - STMicroelectronics SPEAR320 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
SPEAr320
Pin description
Doc ID 16755 Rev 5
39/73
Note:
1
Table 11 cells filled with ‘0’ or ‘1’ are unused and unless otherwise configured as Alternate
function or GPIO, the corresponding pin is held at low or high level respectively by the
internal logic.
2Pins shared by EMI and FSMC: Depending on the AHB address to be accessed the pins are
used for EMI or FSMC transfers.
PL_GPIO_1/E3
UART2_TX
UART2_TX
UART2_TX
UART2_TX
IrDA_RX
GPIO_1
PL_GPIO_0/F3
UART2_RX
UART2_RX
UART2_RX
UART2_RX
IrDA_TX
GPIO_0
PL_CLK1/K17
CLCP
0
I2C1_SDA
SD_LED
PL_CLK1
GPIO_98
PL_CLK2/J17
SD_CLK
SD_CLK
I2C1_SCL
SD_CLK
PL_CLK2
GPIO_99
PL_CLK3/J16
SD_WP
SD_WP
0
SD_WP
PL_CLK3
GPIO_100
PL_CLK4/H17
SD_CMD
SD_CMD
0
SD_CMD
PL_CLK4
GPIO_101
Table 11.
PL_GPIO multiplexing scheme (continued)
PL_GPIO_# /
ball
number
Configuration mode (enabled by Programmer model
control register bits (2:0))
Alternate
function
(enabled by
RAS select
register)
Function in
GPIO
alternative
mode
12
3
4
Table 12.
Table shading
Shading
Pin group
FSMC
FSMC pins: NAND Flash
EMI
EMI pins
CLCD
Color LCD controller pins
Touchscreen
Touchscreen pins
UART
UART pins
CAN
CAN pins
Ethernet MAC
MII/SMII Ethernet Mac pins
SDIO/MMC
SD card controller pins
PWM timers
Pulse-width modulator timer module pins
GPT
Timer pins
IrDa
IrDa pins
SSP
SSP pins
I2C
I2C pins
Standard Parallel port
Standard parallel port pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com