Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 62Page - STMicroelectronics SPEAR320 Datasheet HTML 63Page - STMicroelectronics SPEAR320 Datasheet HTML 64Page - STMicroelectronics SPEAR320 Datasheet HTML 65Page - STMicroelectronics SPEAR320 Datasheet HTML 66Page - STMicroelectronics SPEAR320 Datasheet HTML 67Page - STMicroelectronics SPEAR320 Datasheet HTML 68Page - STMicroelectronics SPEAR320 Datasheet HTML 69Page - STMicroelectronics SPEAR320 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
Timing requirements
SPEAr320
66/73
Doc ID 16755 Rev 5
7.13
UART timing characteristics
Figure 27.
UART transmit and receive timings
where (1) B = UART baud rate
Table 50.
UART transmit timing characteristics
S.No.
Parameters
Min
Max
Unit
1
UART0 Maximum Baud Rate
3
Mbps
UART1/UART2 Maximum Baud Rate
7
2
UART Pulse Duration Transmit Data (TxD)
0.99B(1)
B(1)
ns
3
UART Transmit Start Bit
0.99B(1)
B(1)
ns
Table 51.
UART receive timing characteristics
S.No.
Parameters
Min
Max
Units
4
UART Pulse Duration Receive Data (RxD)
0.97B(1)
1.06B(1)
ns
5
UART Receive Start Bit
0.97B(1)
1.06B(1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com