Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 30Page - STMicroelectronics SPEAR320 Datasheet HTML 31Page - STMicroelectronics SPEAR320 Datasheet HTML 32Page - STMicroelectronics SPEAR320 Datasheet HTML 33Page - STMicroelectronics SPEAR320 Datasheet HTML 34Page - STMicroelectronics SPEAR320 Datasheet HTML 35Page - STMicroelectronics SPEAR320 Datasheet HTML 36Page - STMicroelectronics SPEAR320 Datasheet HTML 37Page - STMicroelectronics SPEAR320 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Pin description
SPEAr320
34/73
Doc ID 16755 Rev 5
Printer mode
The “printer” operating mode mainly provides:
●
NAND Flash interface (8 bits, 4 chip selects)
●
Up to 4 PWM outputs
●
2 SMII interfaces
●
3 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
1 with hardware flow control (baud rate up to 7 Mbps)
–
1 with software flow control (baud rate up to 7 Mbps)
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
●
Standard Parallel Port (SPP device implementation)
●
2 independent SSP Synchronous Serial Ports (SPI, Microwire or TI protocol)
●
GPIOs with interrupt capabilities
●
4.3.3
Alternate functions
Other peripheral functions are listed in the Alternate Functions column of Table 11:
PL_GPIO multiplexing scheme and can be individually enabled/disabled configuring the bits
of a dedicated control register.
4.3.4
Boot pins
The status of the boot pins is read at startup by the BootROM.
4.3.5
GPIOs
The PL_GPIO pins can be used as software controlled general purpose I/Os (GPIOs) if they
are not used by the I/O functions of the SPEAr320 IPs.
To configure any PL_GPIO pin as GPIO, set the corresponding bit in the GPIO_Select(0 ..3)
registers that are 102 bits write registers that select GPIO versus some IPs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com