Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 16Page - STMicroelectronics SPEAR320 Datasheet HTML 17Page - STMicroelectronics SPEAR320 Datasheet HTML 18Page - STMicroelectronics SPEAR320 Datasheet HTML 19Page - STMicroelectronics SPEAR320 Datasheet HTML 20Page - STMicroelectronics SPEAR320 Datasheet HTML 21Page - STMicroelectronics SPEAR320 Datasheet HTML 22Page - STMicroelectronics SPEAR320 Datasheet HTML 23Page - STMicroelectronics SPEAR320 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Architecture overview
SPEAr320
20/73
Doc ID 16755 Rev 5
3.15
Parallel port
Main features:
Slave mode device interface for standard parallel port host
Supports unidirectional 8-bit data transfer from host to slave
Supports 9th bit for parity/data/command etc.
Maskable interrupts for data, device reset, auto line feed
APB input clock frequency required is 83 MHz for acknowledgement timings
3.16
Synchronous serial ports (SSP)
SPEAr320 provides three synchronous serial ports (SSP) that offer a master or slave
interface to enable synchronous serial communication with slave or master peripherals
Main features:
Master or slave operation.
Programmable clock bit rate and prescale.
Separate transmit and receive first-in, first-out memory buffers, 16-bits wide, 8 locations
deep.
Programmable choice of interface operation:
SPI (Motorola)
Microwire (National Semiconductor)
TI synchronous serial.
Programmable data frame size from 4 to 16-bits.
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts.
Internal loopback test mode available.
DMA interface
3.17
I2C
The SPEAr320 has 2 I2C interfaces:
Main features:
Compliance to the I2C bus specification (Philips)
Supports three modes:
Standard (100 kbps)
Fast (400 kbps)
High-speed
Clock synchronization
Master and slave mode configuration possible
Multi-master mode (bus arbitration)
7-bit or 10-bit addressing
7-bit or 10-bit combined format transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com