Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 24Page - STMicroelectronics SPEAR320 Datasheet HTML 25Page - STMicroelectronics SPEAR320 Datasheet HTML 26Page - STMicroelectronics SPEAR320 Datasheet HTML 27Page - STMicroelectronics SPEAR320 Datasheet HTML 28Page - STMicroelectronics SPEAR320 Datasheet HTML 29Page - STMicroelectronics SPEAR320 Datasheet HTML 30Page - STMicroelectronics SPEAR320 Datasheet HTML 31Page - STMicroelectronics SPEAR320 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Pin description
SPEAr320
28/73
Doc ID 16755 Rev 5
Table 5.
Debug pin description
Signal name
Ball
Direction
Function
Pin type
TEST_0
K16
In
Test configuration
ports. For functional
mode, they have to be
set to zero.
TTL input buffer, 3.3 V
tolerant, PD
TEST_1
K15
TEST_2
K14
TEST_3
K13
TEST_4
J15
BOOT_SEL
J14
Reserved, to be fixed
at high level
nTRST
L16
In
Test reset input
TTL Schmitt trigger
input buffer, 3.3 V
tolerant, PU
TDO
L15
Out
Test data output
TTL output buffer,
3.3 V capable 4 mA
TCK
L17
In
Test clock
TTL Schmitt trigger
input buffer, 3.3 V
tolerant, PU
TDI
L14
In
Test data input
TMS
L13
In
Test mode select
Table 6.
SMI pin description
Signal name
Ball
Direction
Function
Pin type
SMI_DATAIN
M13
In
Serial Flash input
data
TTL Input Buffer 3.3 V
tolerant, PU
SMI_DATAOUT
M14
Out
Serial Flash output
data
TTL output buffer
3.3 V capable 4 mA
SMI_CLK
N17
I/O
Serial Flash clock
SMI_CS_0
M15
Out
Serial Flash chip
select
SMI_CS_1
M16
Table 7.
USB pin description
Group
Signal name
Ball
Direction
Function
Pin type
USB
Device
USB_DEVICE_DP
M1
I/O
USB Device D+
Bidirectional
analog buffer 5 V
tolerant
USB_DEVICE_DM
M2
USB Device D-
USB_DEVICE_VBUS
G3
In
USB Device
VBUS
TTL input buffer
3.3 V tolerant, PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com