Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 4Page - STMicroelectronics SPEAR320 Datasheet HTML 5Page - STMicroelectronics SPEAR320 Datasheet HTML 6Page - STMicroelectronics SPEAR320 Datasheet HTML 7Page - STMicroelectronics SPEAR320 Datasheet HTML 8Page - STMicroelectronics SPEAR320 Datasheet HTML 9Page - STMicroelectronics SPEAR320 Datasheet HTML 10Page - STMicroelectronics SPEAR320 Datasheet HTML 11Page - STMicroelectronics SPEAR320 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Description
SPEAr320
8/73
Doc ID 16755 Rev 5
1
Description
The SPEAr320 is a member of the SPEAr family of embedded MPUs, optimized for
industrial automation and consumer applications. It is based on the powerful ARM926EJ-S
processor (up to 333 MHz), widely used in applications where high computation
performance is required.
In addition, SPEAr320 has an MMU that allows virtual memory management - making the
system compliant with Linux operating system. It also offers 16 KB of data cache, 16 KB of
instruction cache, JTAG and ETM (Embedded Trace Macrocell
™) for debug operations.
A full set of peripherals allows the system to be used in many applications, some typical
applications being factory automation, printer and consumer applications.
Figure 1.
Functional block diagram
Add title on master page
Add subtitle on master page
USB Device 2.0 +Phy
IrDA
USB
Host
2.0
Phy
Phy
2x CAN
3x SSP
2x Ethernet 10/100
(SMII/MII interface)
Mobile DDR/DDR2
memory controller
32 KBytes BootRom
8 KBytes SRAM
FSMC NAND
Flash interface
JTAG/trace
ARM926EJ-S
@333 MHz
System controller
Interrupt controller
Watchdog
RTC
PLLs
ICache
DCache
MMU
= Functions with shared I/Os depending on the device configuration.
C3 Crypto
accelerator
MultiChannel DMA controller
JPEG CODEC
accelerator
EMI NOR Flash/
FPGA interface
Hub
Up to 102 GPIOs
2x I2C master/slave
LCD controller
1024*768
Std parallel port
ADC
6x general purpose timer
3x UART
IrDA
4x PWM timer
Serial Flash interface
SDIO/MMC card interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com