Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 46Page - STMicroelectronics SPEAR320 Datasheet HTML 47Page - STMicroelectronics SPEAR320 Datasheet HTML 48Page - STMicroelectronics SPEAR320 Datasheet HTML 49Page - STMicroelectronics SPEAR320 Datasheet HTML 50Page - STMicroelectronics SPEAR320 Datasheet HTML 51Page - STMicroelectronics SPEAR320 Datasheet HTML 52Page - STMicroelectronics SPEAR320 Datasheet HTML 53Page - STMicroelectronics SPEAR320 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
Timing requirements
SPEAr320
50/73
Doc ID 16755 Rev 5
7
Timing requirements
Note:
Signal transition levels used for timing measurements are 0.2*VDD and 0.8*VDD.
7.1
External interrupt timing characteristics
7.2
Reset timing characteristics
Note:
Warm reset is generated by writing any value to the System controller SYSSTAT register.
7.3
DDR2 timing characteristics
The characterization timing is done considering an output load of 10 pF on all the DDR
pads.
The timing parameters listed are defined by JEDEC for DDR memories. DDR memories
whose parameters are within the ranges defined in Table 29, Table 30 and Table 31 can be
interfaced with SPEAr320.
Read cycle timing apply to DQS and DQ input to SPEAr. Write cycle timings refer to DQS
and DQ output to SPEAr.
Table 27.
PL_GPIO external interrupt input timing
Symbol
Description
Min
Unit
tINT
Minimum width for rising edge interrupt pulse
24
ns
Table 28.
Cold (power-on) reset
Symbol
Description
Min
Unit
tRP
MRESET pin active low state duration
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com