Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 65Page - STMicroelectronics SPEAR320 Datasheet HTML 66Page - STMicroelectronics SPEAR320 Datasheet HTML 67Page - STMicroelectronics SPEAR320 Datasheet HTML 68Page - STMicroelectronics SPEAR320 Datasheet HTML 69Page - STMicroelectronics SPEAR320 Datasheet HTML 70Page - STMicroelectronics SPEAR320 Datasheet HTML 71Page - STMicroelectronics SPEAR320 Datasheet HTML 72Page - STMicroelectronics SPEAR320 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
SPEAr320
Revision history
Doc ID 16755 Rev 5
71/73
02-Feb-2010
2 (continued)
Changed the baud rate for the UARTs with Hardware flow control
from “up to 460.8 Kbaud” into “up to 3 Mbps”.
Table 15: Reconfigurable array subsystem memory map: changed a
typo error “UART23” into “UART2”.
Section 3.10: CAN controller: changed “32 message objects (132 x
32 message RAM)” to “16 message objects (136 x 16 message
RAM)”.
Corrected a typo error in the Figure 13: In/out data address signal
waveforms for NAND Flash and Figure 16: In/out data signal
waveforms for 16-bit NAND Flash configuration.
Updated Table 4: Power supply pin description and added a note at
the end of the table.
Corrected the voltage capable of RTC in the Table 3: Master clock,
RTC, Reset and 3.3 V comparator pin descriptions.
Updated figures of Section 7.6: FSMC timing characteristics.
Updated Figure 19: MII TX waveforms, Figure 26: Block diagram of
MII TX pins, Figure 20: MII RX waveforms
Corrected the speed of UART1 and UART2 in Section 3.18.2:
UART1 from “5 Mbps” into “6 Mbps”.
Updated Table 3: Master clock, RTC, Reset and 3.3 V comparator
pin descriptions, Table 7: USB pin description andTable 9: DDR pin
description
Minor text corrections.
18-Nov-2010
3
Corrected pin assignment of UART0_RTS and CTS in Table 11:
PL_GPIO multiplexing scheme
Added Section 7.14: ADC characteristics
Changed max. speed of UART2 and UART3 in feature descriptions
from 6 Mbps to 7 Mbps and updated Table 50: UART transmit timing
characteristics on page 66.
02-Dec-2010
4
Corrected SRAM size from 56 K to 8 Kbytes in Chapter 2: Main
features
Updated feature descriptions for the 3 UARTs in Section 3.18:
UARTs
Table 55.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com