Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 19Page - STMicroelectronics SPEAR320 Datasheet HTML 20Page - STMicroelectronics SPEAR320 Datasheet HTML 21Page - STMicroelectronics SPEAR320 Datasheet HTML 22Page - STMicroelectronics SPEAR320 Datasheet HTML 23Page - STMicroelectronics SPEAR320 Datasheet HTML 24Page - STMicroelectronics SPEAR320 Datasheet HTML 25Page - STMicroelectronics SPEAR320 Datasheet HTML 26Page - STMicroelectronics SPEAR320 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
23/73
3.21
8-channel ADC
Main features:
Successive approximation conversion method
10-bit resolution @1 Msps
Hardware supporting up to 13.5 bits resolution at 8 ksps by oversampling and
accumulation
Eight analog input (AIN) channels, ranging from 0 to 2.5 V
INL ± 1 LSB, DNL ± 1 LSB
Programmable conversion speed, (min. conversion time is 1 µs)
Programmable averaging of results from 1 (No averaging) up to 128
Programmable auto scan for all the eight channels.
3.22
System controller
The System Controller provides an interface for controlling the operation of the overall
system.
Main features:
Power saving system mode control
Crystal oscillator and PLL control
Configuration of system response to interrupts
Reset status capture and soft reset generation
Watchdog and timer module clock enable
3.22.1
Power saving system mode control
Using three mode control bits, the system controller switch the SPEAr320 to any one of four
different modes: DOZE, SLEEP, SLOW and NORMAL.
SLEEP mode: In this mode the system clocks, HCLK and CLK, are disabled and the
System Controller clock SCLK is driven by a low speed oscillator (nominally 32768 Hz).
When either a FIQ or an IRQ interrupt is generated (through the VIC) the system enters
DOZE mode. Additionally, the operating mode setting in the system control register
automatically changes from SLEEP to DOZE.
DOZE mode: In this mode the system clocks, HCLK and CLK, and the System
Controller clock SCLK are driven by a low speed oscillator. The System Controller
moves into SLEEP mode from DOZE mode only when none of the mode control bits
are set and the processor is in Wait-for-interrupt state. If SLOW mode or NORMAL
mode is required the system moves into the XTAL control transition state to initialize the
crystal oscillator.
SLOW mode: During this mode, both the system clocks and the System Controller
clock are driven by the crystal oscillator. If NORMAL mode is selected, the system goes
into the "PLL control" transition state. If neither the SLOW nor the NORMAL mode
control bits are set, the system goes into the "Switch from XTAL" transition state.
NORMAL mode: In NORMAL mode, both the system clocks and the System Controller
clock are driven by the PLL output. If the NORMAL mode control bit is not set, then the
system goes into the "Switch from PLL" transition state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com