Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 60Page - STMicroelectronics SPEAR320 Datasheet HTML 61Page - STMicroelectronics SPEAR320 Datasheet HTML 62Page - STMicroelectronics SPEAR320 Datasheet HTML 63Page - STMicroelectronics SPEAR320 Datasheet HTML 64Page - STMicroelectronics SPEAR320 Datasheet HTML 65Page - STMicroelectronics SPEAR320 Datasheet HTML 66Page - STMicroelectronics SPEAR320 Datasheet HTML 67Page - STMicroelectronics SPEAR320 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Timing requirements
SPEAr320
64/73
Doc ID 16755 Rev 5
7.12.1
SPI master mode timings (clock phase = 0)
Figure 25.
SPI master mode external timing (clock phase = 0)
Table 46.
Timing requirements for SPI master mode (clock phase = 0)
No.
Parameters
Min
Max
Unit
4tsu(DIV-CLKL)
Setup time, MISO (input) valid before
SSP_CLK (output) falling edge
Clock
polarity = 0
-0.4
-0.3
ns
5tsu(DIV-CLKH)
Setup time, MISO (input) valid before
SSP_CLK (output) rising edge
Clock
polarity = 1
-0.4
-0.3
ns
6th(CLKL-DIV)
Hold time, MISO (input) valid after
SSP_CLK (output) falling edge
Clock
polarity = 0
0.9
1.7
ns
7th(CLKH-DIV)
Hold time, MISO (input) valid after
SSP_CLK (output) rising edge
Clock
polarity = 1
0.9
1.7
ns
Table 47.
Switching characteristics over recommended operating conditions for
SPI master mode (clock phase =0 )
No.
Parameters
Min
Max
Unit
8td(CLKH-DOV)
Delay time, SSP_CLK (output) rising
edge to MOSI (output) transition
Clock
Polarity = 0
-3.1
2.2
ns
9td(CLKL-DOV)
Delay time, SSP_CLK (output) falling
edge to MOSI (output) transition
Clock
Polarity = 1
-3.1
2.2
ns
10
td(ENL-CLKH/L)
Delay time, SSP_CSn (output) falling edge to first
SSP_CLK (output) rising or falling edge
Tns
11
td(CLKH/L-ENH)
Delay time, SSP_CLK (output) rising or falling edge
to SSP_CSn (output) rising edge
T/2
ns
SSP_CSn
SSP_SCLK
(Clock Polarity = 0)
SSP_SCLK
(Clock Polarity = 1)
SSP_MISO
(Input)
SSP_MOSI
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com