Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 41Page - STMicroelectronics SPEAR320 Datasheet HTML 42Page - STMicroelectronics SPEAR320 Datasheet HTML 43Page - STMicroelectronics SPEAR320 Datasheet HTML 44Page - STMicroelectronics SPEAR320 Datasheet HTML 45Page - STMicroelectronics SPEAR320 Datasheet HTML 46Page - STMicroelectronics SPEAR320 Datasheet HTML 47Page - STMicroelectronics SPEAR320 Datasheet HTML 48Page - STMicroelectronics SPEAR320 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
SPEAr320
Electrical characteristics
Doc ID 16755 Rev 5
45/73
6
Electrical characteristics
6.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high/low static
voltages. However it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
The absolute maximum rating is the maximum stress that can be applied to a device without
causing permanent damage. However, extended exposure to minimum/maximum ratings
may affect long-term device reliability.
6.2
Maximum power consumption
Note:
These values take into consideration the worst cases of process variation and voltage range
and must be used to design the power supply section of the board.
Table 16.
Absolute maximum ratings
Symbol
Parameter
Minimum value Maximum value
Unit
VDD 1.2
Supply voltage for the core
- 0.3
1.44
V
VDD 3.3
Supply voltage for the I/Os
- 0.3
3.9
V
VDD 2.5
Supply voltage for the analog
blocks
- 0.3
3
V
VDD 1.8
Supply voltage for the DRAM
interface
- 0.3
2.16
V
VDD RTC
RTC supply voltage
-0.3
2.16
V
TSTG
Storage temperature
-55
150
°C
TJ
Junction temperature
-40
125
°C
Table 17.
Maximum power consumption
Symbol
Description
Max
Unit
IDD(1.2Vsupply)
Current consumption of VDD 1.2 supply voltage for the
core
400
mA
IDD(1.8Vsupply)
Current consumption of VDD 1.8 supply voltage for the
DRAM interface (1)
1.
Peak current with Linux memory test (50% write and 50% read) plus DMA reading memory.
150
mA
IDD(RTC)
Current consumption of RTC supply voltage
8
µA
IDD(2.5Vsupply)
Current consumption of 2.5V supply voltage for the
analog blocks
30
mA
IDD(3.3Vsupply)
Current consumption of 3.3V supply voltage for the I/Os
(2)
2.
With 30 logic channels connected to the device and simultaneously switching at 10 MHz.
12
mA
PD
Maximum power consumption(3)
930
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com