Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 29Page - STMicroelectronics SPEAR320 Datasheet HTML 30Page - STMicroelectronics SPEAR320 Datasheet HTML 31Page - STMicroelectronics SPEAR320 Datasheet HTML 32Page - STMicroelectronics SPEAR320 Datasheet HTML 33Page - STMicroelectronics SPEAR320 Datasheet HTML 34Page - STMicroelectronics SPEAR320 Datasheet HTML 35Page - STMicroelectronics SPEAR320 Datasheet HTML 36Page - STMicroelectronics SPEAR320 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
SPEAr320
Pin description
Doc ID 16755 Rev 5
33/73
SMII automation networking mode
The “SMII Automation networking” operating mode mainly provides:
●
NAND Flash interface (8 bits, 4 chip selects)
●
2 CAN2.0 interfaces
●
2 SMII interfaces
●
3 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
2 with software flow control (baud rate up to 7 Mbps)
●
LCD interface (up to 1024x768, 24-bits LCD controller, TFT and STN panels)
●
Touchscreen facilities
●
3 independent SSP Synchronous Serial Port (SPI, Microwire or TI protocol) ports
●
GPIOs with interrupt capability
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
MII automation networking mode
The “MII Automation networking” operating mode mainly provides:
●
NAND Flash interface (8 bits, 4 chip selects)
●
2 CAN2.0 interfaces
●
2 MII interfaces
●
3 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
2 with software flow control (baud rate up to 7 Mbps)
●
3 independent SSP Synchronous Serial Port (SPI, Microwire or TI protocol) ports
●
GPIOs with interrupt capability
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
Expanded automation mode
The “Expanded automation” operating mode mainly provides:
●
External Memory Interface (16 data bits, 24 address bits and 4 chip selects)
●
NAND Flash interface (8-16 bits and 4 chip selects shared with EMI)
●
2 CAN2.0 interfaces
●
SMII or MII interface
●
3 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
1 with hardware flow control (baud rate up to 7 Mbps)
–
1 with software flow control (baud rate up to 7 Mbps)
●
SSP port
●
2 independent I2C interfaces
●
Up to 4 PWM outputs
●
GPIOs with interrupt capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com