Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 5Page - STMicroelectronics SPEAR320 Datasheet HTML 6Page - STMicroelectronics SPEAR320 Datasheet HTML 7Page - STMicroelectronics SPEAR320 Datasheet HTML 8Page - STMicroelectronics SPEAR320 Datasheet HTML 9Page - STMicroelectronics SPEAR320 Datasheet HTML 10Page - STMicroelectronics SPEAR320 Datasheet HTML 11Page - STMicroelectronics SPEAR320 Datasheet HTML 12Page - STMicroelectronics SPEAR320 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
SPEAr320
Main features
Doc ID 16755 Rev 5
9/73
2
Main features
ARM926EJ-S 32-bit RISC CPU, up to 333 MHz
16 Kbytes of instruction cache, 16 Kbytes of data cache
3 instruction sets: 32-bit for high performance, 16-bit (Thumb) for efficient code
density, byte Java mode (Jazelle™) for direct execution of Java code.
Tightly Coupled Memory
32-KByte on-chip BootROM
8-KByte on-chip SRAM
External DRAM memory interface:
8/16-bit (mobile DDR@166 MHz)
8/16-bit (DDR2@333 MHz)
Serial memory interface
SDIO interface supporting SPI, SD1, SFD4 and SD8 modes
8/16-bits NAND Flash controller (FSMC)
External memory interface (EMI) for connecting NOR Flash or FPGAs
Boot capability from NAND Flash, serial/parallel NOR Flash
Boot and field upgrade capability from USB
High performance 8-channel DMA controller
3x Ethernet controllers (up to 2 operating concurrently)
Two USB2.0 Host (high-full-low speed) with integrated PHY transceiver
One USB2.0 Device (high-full-low speed) with integrated PHY transceiver
2x CAN 2.0 interfaces
Up to 102 GPIOs with interrupt capability
Up to 4 PWM outputs
3x SSP master/slave (supporting Motorola, Texas instruments, National semiconductor
protocols) up to 41.5 Mbps
Standard parallel port (SPP device implementation)
2 x I2C master/slave interface (slow-fast-high speed, up to 1.2 Mb/s)
3x UART:
UART0 (up to 3 Mbps) with hardware flow control and modem interface
UART1 (up to 7 Mbps) with hardware flow control (in some operating modes)
UART2 (up to 7 Mbps) with software flow control
ADC 10-bit, 1 Msps 8 inputs
JPEG CODEC accelerator 1 clock/pixel
Color LCD interface (up to 1024X768, 24-bits CLCD controller, TFT and STN panels)
Touchscreen support
Crypto accelerator (DES/3DES/AES/SHA1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com