Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR320 Datasheet HTML 1Page - STMicroelectronics SPEAR320 Datasheet HTML 2Page - STMicroelectronics SPEAR320 Datasheet HTML 3Page - STMicroelectronics SPEAR320 Datasheet HTML 4Page - STMicroelectronics SPEAR320 Datasheet HTML 5Page - STMicroelectronics SPEAR320 Datasheet HTML 6Page - STMicroelectronics SPEAR320 Datasheet HTML 7Page - STMicroelectronics SPEAR320 Datasheet HTML 8Page - STMicroelectronics SPEAR320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
July 2011
Doc ID 16755 Rev 5
1/73
1
SPEAr320
Embedded MPU with ARM926 core,
optimized for factory automation and consumer applications
Features
ARM926EJ-S 333 MHz core
High-performance 8-channel DMA
Dynamic power-saving features
Configurable peripheral functions on 102
shared I/Os.
Memory:
– 32 KB ROM and 8 KB internal SRAM
– LPDDR-333/DDR2-666 external memory
interface
– SDIO/MMC card interface
– Serial Flash memory interface (SMI)
– Flexible static memory controller (FSMC)
up to 16-bit data bus width, supporting
NAND Flash
– External memory interface (EMI) up to 16-
bit data bus width, supporting NOR Flash
and FPGAs
Security
– Cryptographic accelerator
Connectivity
– 2 x USB 2.0 Host
– 1 x USB 2.0 Device
– 2 x Fast Ethernet ports (for external
MII/SMII PHY)
– 2 x CAN interface
– 3 x SSP Synchronous serial port (SPI,
Microwire or TI protocol)
–2 x I2C
– 1 x fast IrDA interface
– 3 x UART interface
– 1 x standard parallel device port
Peripherals supported
– TFT/STN LCD controller (resolution up to
1024 x 768 and up to 24 bpp)
– Touchscreen support
Miscellaneous functions
– Integrated real time clock, watchdog, and
system controller
– 8-channel 10-bit ADC, 1 Msps
– 4 x PWM timers
– JPEG CODEC accelerator
– 6x 16-bit general purpose timers with
programmable prescaler, 4 capture inputs
– Up to 102 GPIOs with interrupt capability
Applications
The SPEAr320 embedded MPU is configurable
for a range of industrial and consumer
applications such as:
Programmable logic controllers
Factory automation
Printers
Table 1.
Device summary
Order code
Temp
range,
° C
Package
Packing
SPEAR320-2
-40 to 85
LFBGA289
(15x15 mm,
pitch 0.8 mm)
Tray
LFBGA289 (15 x 15 x 1.7 mm)
www.st.com


Similar Part No. - SPEAR320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
SPEAR320S-2 STMICROELECTRONICS-SPEAR320S-2 Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
More results

Similar Description - SPEAR320

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR300 STMICROELECTRONICS-SPEAR300 Datasheet
1Mb / 83P
Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
29-Apr-2010
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
logo
Infineon Technologies A...
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
STMicroelectronics
SPEAR600 STMICROELECTRONICS-SPEAR600 Datasheet
1Mb / 97P
Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
09-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com