Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPEAR320
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPEAR320 Datasheet HTML 28Page - STMicroelectronics SPEAR320 Datasheet HTML 29Page - STMicroelectronics SPEAR320 Datasheet HTML 30Page - STMicroelectronics SPEAR320 Datasheet HTML 31Page - STMicroelectronics SPEAR320 Datasheet HTML 32Page - STMicroelectronics SPEAR320 Datasheet HTML 33Page - STMicroelectronics SPEAR320 Datasheet HTML 34Page - STMicroelectronics SPEAR320 Datasheet HTML 35Page - STMicroelectronics SPEAR320 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Pin description
SPEAr320
32/73
Doc ID 16755 Rev 5
4.3
Shared I/O pins (PL_GPIOs)
The 98 PL_GPIO and 4 PL_CLK pins have the following characteristics:
–
Output buffer: TTL 3.3 V capable up to 10 mA
–
Input buffer: TTL, 3.3 V tolerant, selectable internal pull up/pull down (PU/PD)
The PL_GPIOs can be configured in different modes. This allows SPEAr320 to be tailored
for use in various applications like:
–
Metering concentrators
–
Large power supply controllers
–
Small printers
4.3.1
PL_GPIO pin description
4.3.2
Configuration modes
This section describes the main operating modes created by using a selection of the
embedded IPs.
The following modes can be selected by programming some control registers present in the
reconfigurable array subsystem.
●
Mode 1: SMII automation networking mode
●
Mode 2: MII automation networking mode
●
Mode 3: Expanded automation mode
●
Mode 4: Printer mode
Table 11: PL_GPIO multiplexing scheme shows all the I/O functions available in each mode.
Mode 1 is the default mode for SPEAr320.
Table 10.
PL_GPIO pin description
Group
Signal name
Ball
Direction
Function
Pin type
PL_GPIOs
PL_GPIO_97...
PL_GPIO_0
(see the
Table 11)
I/O
General
purpose I/O or
multiplexed pins
(see Table 11)
(see the
introduction of
the Section 4.3
here above)
PL_CLK1...
PL_CLK4
programmable
logic external
clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com