Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Rev. 1.10
8 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Flash Memory Controller
▀ Flash accelerator for maximum efficiency
▀ 32-bit word programming (ISP and IAP)
▀ Flash protection capability to prevent illegal access
The Flash Memory Controller, FMC, provides all the necessary functions and pre-fetch buffer for
the embedded on-chip Flash Memory. Since the access speed of the Flash Memory is slower than
the CPU, a wide access interface with a pre-fetch buffer is provided for the Flash Memory in order
to reduce the CPU waiting time which will cause CPU instruction execution delays. Flash Memory
word program/page erase functions are also provided.
Reset Control Unit
▀ Supply supervisor:
● Power On Reset (POR)
● Brown Out Detector (BOD)
● Programmable Low Voltage Detector (LVD)
The Reset Control Unit (RSTCU) has three kinds of reset, the power on reset, system reset and
APB unit reset. The power on reset, known as a cold reset, resets the full system during power up.
A system reset resets the processor core and peripheral IP components with the exception of the
SW-DP controller. The resets can be triggered by an external signal, internal events and the reset
generators.
Clock Control Unit
▀ External 4 to 16 MHz crystal oscillator
▀ External 32,768 Hz crystal oscillator
▀ Internal 8MHz RC oscillator trimmed to 1% accuracy at 3.3V operating voltage and 25°C oper-
ating temperature
▀ Internal 32kHz RC oscillator
▀ Integrated system clock PLL
▀ Independent clock gating bits for peripheral clock sources
The Clock Control unit, CKCU, provides a range of oscillator and clock functions. These include
a High Speed Internal RC oscillator (HSI), a High Speed External crystal oscillator (HSE), a Low
Speed Internal RC oscillator (LSI), a Low Speed External crystal oscillator (LSE), a Phase Lock
Loop (PLL), a HSE clock monitor, clock prescalers, clock multiplexers and clock gating circuitry.
The clocks of the AHB, APB and CortexTM-M3 are derived from the system clock (CK_SYS)
which can come from the HSI, HSE or PLL. The Watchdog Timer and Real Time Clock (RTC) use
either the LSI or LSE as their clock source. The maximum operating frequency of the system core
clock (CK_AHB) can be up to 72MHz. (NOTE: LSE is not supported by HT32F1251B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com