Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Rev. 1.10
9 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Power Management
▀ Single 3.3V power supply: 2.7V to 3.6V
▀ Integrated 1.8V LDO regulator for core and peripheral power supply
▀ VBAT battery power supply for RTC and backup registers
▀ Three power domains: 3.3V, 1.8V and Backup
▀ Four power saving modes: Sleep, Deep-Sleep1, Deep-Sleep2, Power-Down
The Power consumption can be regarded as one of the most important issues for many embedded
system applications. Accordingly the Power Control Unit, PWRCU, in these devices provides many
types of power saving modes such as Sleep, Deep-Sleep1, Deep-Sleep2 and Power-Down mode.
These operating modes reduce the power consumption and allow the application to achieve the best
trade-off between the conflicting demands of CPU operating time, speed and power consumption.
(NOTE: HT32F1251B does not support VBAT battery power supply).
Analog to Digital Converter
▀ 12-bit SAR ADC engine
▀ Up to 1 Msps conversion rate - 1 μs at 56MHz, 1.17μs at 72MHz
▀ 8 external analog input channels
▀ Supply voltage range: 2.7V ~ 3.6V
▀ Conversion range: VSSA ~ VDDA
A 12-bit multi-channel ADC is integrated in the device. There are a total of 10 multiplexed
channels, which include 8 external channels on which the external analog signals can be measured,
and 2 internal channels. If the input voltage is required to remain within a specific threshold
window, the Analog Watchdog function will monitor and detect the signal. An interrupt will then
be generated to inform that the input voltage is higher or lower than the set thresholds. There are
three conversion modes to convert an analog signal to digital data. The ADC can be operated in
one shot, continuous and discontinuous conversion modes.
Analog Operational Amplifier/Comparator
▀ 2 Operational Amplifiers or 2 Comparator functions which are software configurable
▀ Supply voltage range: 2.7V ~ 3.6V
Two Operational Amplifiers/Comparators (OPA/CMP) are implemented within the devices. They
can be configured either as Operational Amplifiers or as Analog Comparators. When configured as
comparators, they are capable of asserting interrupts to the NVIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com