Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Rev. 1.10
�9 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
The worst case occurs when the extremities of the input range (0V and VREF) are sampled consecutively.
In this situation a sampling error below ¼ LSB is ensured by using the following equation:
I
N
I
ADC
S
R
C
f
R
−
<
+ )
2
ln(
5
.
1
2
where fADC is the ADC clock frequency and N is the ADC resolution (N = 12 in this case). A safe
margin should be considered due to the pin/pad parasitic capacitances, which are not accounted for
in this simple model.
If, in a system where this A/D Converter is used, there are no rail-to-rail input voltage variations between
consecutive sampling phases, Rs may be larger than the value indicated by the equation above.
Operation Amplifier/Comparator Characteristics
Table 16. OPA/CMP Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD�
O�e�ating Vo�tage
—
�.7
�.�
�.6
V
IOP�/CMP
Ty�ica� O�e�ating Cu��ent
—
—
��0
—
u�
IOP�/CMP_DN Powe� Down Su���y Cu��ent
�ssign �egiste�s OP�EN = 0
and EN_OP�OP = 0
—
—
0.1
u�
VIOS
In�ut Offset Vo�tage
VDD� = �.�V�
�nOF[5:0] = ‘100000’
-15
—
15
mV
VDD� = �.�V� �fte� ca�ib�ation
-1
—
1
mV
VIOS_DRIFT In�ut Offset Vo�tage D�ift
T� = -40°C ~ +85°C
—
—
0.04
mV/°C
RINPUT
In�ut Resistance
—
—
10
—
MW
GV
Vo�tage Gain
—
60
100
—
dB
Ut
Unit-Gain Bandwidth
RL=100kΩ
—
1��
—
MHz
RL=100kΩ, CL=100�F
—
1.�4
—
VCM
Common Mode Vo�tage Range VDD� = �.�V
VSS�
—
VDD� – 1.�
V
VOV
OP� Out�ut Vo�tage Wwing
VDD� = �.�V
VSS�+0.�
—
VDD� – 0.5
V/us
tRT
Com�a�ato� Res�onse Time
VDD� = �.�V;
In�ut Ove�d�ive = ±10mV
—
1.6
—
us
SR
S�ew Rate
VDD� = �.�V; Out�ut ca�acito�
�oad CL=100�F
—
1
—
V/us
NOTE: Gua�anteed by design� not tested in ��oduction.
GPTM Characteristics
Table 17. GPTM Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fGPTM
Time� c�ock sou�ce
—
—
—
7�
MHz
tRES
Time� �eso�ution time
—
1
—
—
1/fGPTM
fEXT
Exte�na� signa� f�equency on channe� 1 ~ 4
—
—
—
1/�
fGPTM
RES
Time� �eso�ution
—
—
—
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com