Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Rev. 1.10
�7 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IOL
Low �eve� out�ut cu��ent
(GPO Sink cu��ent)
�.�V 4m� d�ive IO� VOL = 0.4V
4
—
—
m�
�.�V 8m� d�ive IO� VOL = 0.4V
8
—
—
m�
5V-to�e�ant 8m� d�ive IO� VOL=0.4V
8
—
—
m�
5V-to�e�ant 1�m� d�ive IO� VOL=0.4V
1�
—
—
m�
Backu� Domain IO d�ive @ VB�T =�.�V�
VOL = 0.4V� PB8� PB9� PB10.
—
—
1
m�
IOH
High �eve� out�ut
cu��ent
(GPO Sou�ce cu��ent)
�.�V I/O 4m� d�ive� VOH=VDD��-0.4V
4
—
—
m�
�.�V I/O 8m� d�ive� VOH=VDD��-0.4V
8
—
—
m�
5V-to�e�ant I/O 8m� d�ive�
VOH = VDD�� - 0.4V
8
—
—
m�
5V-to�e�ant I/O 1�m� d�ive�
VOH = VDD�� - 0.4V
1�
—
—
m�
Backu� Domain IO d�ive@VB�T=�.�V�
VOH = VDD�� - 0.4V� PB8� PB9� PB10.
—
—
1
m�
VOL
Low �eve� out�ut vo�tage
�.�V 4m� d�ive IO� IOL = 4m�
—
—
0.4
V
�.�V 8m� d�ive IO� IOL = 8m�
—
—
0.4
V
5V-to�e�ant 8m� d�ive IO� IOL=8m�
—
—
0.4
V
5V-to�e�ant 1�m� d�ive IO� IOL=1�m�
—
—
0.4
V
VOH
High �eve� out�ut
vo�tage
�.�V 4m� d�ive IO� IOH = 4m�
VDD�� -
0.4V
—
—
V
�.�V 8m� d�ive IO� IOH = 8m�
VDD�� -
0.4V
—
—
V
5V-to�e�ant 8 m� d�ive IO�
IOH=8m�
VDD�� -
0.4V
—
—
V
5V-to�e�ant 1� m� d�ive IO�
IOH=1�m�
VDD�� -
0.4V
—
—
V
RPU
Inte�na� �u��-u� �esisto�
�.�V I/O
�4
—
74
kΩ
5V-to�e�ant I/O
�8
—
89
kΩ
RPD
Inte�na� �u��-down
�esisto�
�.�V I/O
�9
—
86
kΩ
5V-to�e�ant I/O
�5
—
107
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com