Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Rev. 1.10
�0 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Table 2. HT32F125x Pin Descriptions
Pin
Name
Pins
Type
(Note1)
IO
Level
(Note2)
Description
48
LQFP
Default function
(AF0)
AF1
AF2
AF3
VSS�_�
1
P
G�ound �efe�ence fo� �DC and OP�/Com�a�ato�
P�0
�
I/O
GPIO P�0
�DC_IN0
GT1_ETI
GT0_CH�
P�1
�
I/O
GPIO P�1
�DC_IN1
GT0_CH�
P��
4
I/O
GPIO P��
�DC_IN�
UR_DCD
GT0_CH1
P��
5
I/O
GPIO P��
�DC_IN�
UR_DSR
GT0_CH0
P�4
6
I/O
GPIO P�4
�DC_IN4
UR_DTR
SPI_MOSI
P�5
7
I/O
GPIO P�5
�DC_IN5
UR_RI
SPI_MISO
P�6
8
I/O
GPIO P�6
�DC_IN6
UR_RTS/TXE
SPI_SCK
P�7
9
I/O
GPIO P�7
�DC_IN7
UR_CTS/SCK SPI_SEL
P�8
10
I/O
5V-T
GPIO P�8
UR_RX
P�9
11
I/O
5V-T
GPIO P�9-BOOT0
UR_TX
P�10
1�
I/O
5V-T
GPIO P�10-BOOT1
VLDOOUT
1�
P
LDO 1.8 V output. Please put a 10μF capacitor to GND in those pins
as c�ose as �ossib�e.
N.C
14
VLDOIN
15
P
LDO �.� V �owe� sou�ce� a�so connected to the �owe� switch of the
backu� domain.
VSSLDO
16
P
LDO g�ound �efe�ence
nRST
17
I
(Backu�
domain)
5V-T
Exte�na� �eset �in and exte�na� wakeu� �in in Powe�-Down mode
VB�T(note�) 18
P
VDD �.� V fo� backu� domain
PB8(note�) 19
I/O
(Backu�
domain)
XT�L��KIN
PB8
PB9(note�) �0
I/O
(Backu�
domain)
XT�L��KOUT
PB9
PB10
�1
I/O
(Backu�
domain)
5V-T
RTCOUT
PB10-
W�KEUP
GT0_ETI
PB11
��
I/O
5V-T
GPIO PB11
CKOUT
GT0_CH�
P�11
��
I/O
5V-T
GPIO P�11
I�C_SCL
P�1�
�4
I/O
5V-T
GPIO P�1�
I�C_SD�
P�1�
�5
I/O
5V-T
SWDIO
P�1�
GT0_CH�
P�14
�6
I/O
5V-T
SWCLK
P�14
GT0_CH1
P�15
�7
I/O
5V-T
TR�CESWO
P�15
GT0_CH0
VDD��_�
�8
P
�.� V vo�tage fo� digita� I/O
VSS��_�
�9
P
G�ound �efe�ence fo� digita� I/O
VSS��_�
�0
P
G�ound �efe�ence fo� digita� co�e
PB1�
�1
I/O
5V-T
GPIO PB1�
SPI_SEL
UR_DCD
GT1_CH�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com