Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Rev. 1.10
�1 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Pin
Name
Pins
Type
(Note1)
IO
Level
(Note2)
Description
48
LQFP
Default function
(AF0)
AF1
AF2
AF3
PB1�
��
I/O
5V-T
GPIO PB1�
SPI_SCK
UR_DSR
GT1_CH�
PB14
��
I/O
5V-T
GPIO PB14
SPI_MISO
UR_DTR
GT1_CH1
PB15
�4
I/O
5V-T
GPIO PB15
SPI_MOSI
UR_RI
GT1_CH0
PB0
�5
I/O
XT�LIN
PB0
PB1
�6
I/O
XT�LOUT
PB1
VDD18
�7
P
1.8 V vo�tage fo� co�e
N.C
�8
PB�
�9
I/O
GPIO PB�
CN0
GT1_CH0
PB�
40
I/O
GPIO PB�
CP0
GT1_CH1
PB4
41
I/O
GPIO PB4
�OUT0
UR_RTS/TXE GT1_CH�
PB5
4�
I/O
GPIO PB5
CN1
GT1_CH�
PB6
4�
I/O
GPIO PB6
CP1
GT1_ETI
PB7
44
I/O
GPIO PB7
�OUT1
UR_CTS/SCK GT0_ETI
VDD��_1
45
P
�.� V vo�tage fo� digita� I/O
VSS��_1
46
P
G�ound �efe�ence fo� digita� I/O
VDD�
47
P
�.� V ana�og vo�tage fo� �DC and OP�/Com�a�ato�
VSS�_1
48
P
G�ound �efe�ence fo� �DC and OP�/Com�a�ato�
NOTES: 1. I = in�ut� O = out�ut� P = �owe� su���y.
2. 5V-T = 5V to�e�ant.
3. HT��F1�51B does not inc�ude the VB�T� XT�L��KIN and XT�L��KOUT �ins.
4. The GPIOs a�e in �F0 state afte� VDD18 �owe� on �eset (POR) exce�t the RTCOUT �in of Backu�
Domain I/O. The RTCOUT �in is �eset by the Backu� Domain �owe�-on-�eset (PORB) o� Backu�
Domain softwa�e �eset (B�K_RST bit in B�K_CR �egiste�).
5. The backu� domain of I/O �ins has d�iving cu��ent ca�abi�ity �imitation (< 1m� @ VB�T = �.�V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com