Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Rev. 1.10
�� of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Power Consumption
Table 6. Power Consumption Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
IDD
Su���y cu��ent
(Run mode)
VDD�� = VB�T = �.�V� HSE = 8MHz� PLL = 144MHz�
fHCLK = 7�MHz� fPCLK = 7�MHz� ��� �e�i�he�a�s enab�ed
—
47
—
m�
VDD�� = VB�T = �.�V� HSE = 8MHz� PLL = 144MHz�
fHCLK = 7�MHz� fPCLK = 7�MHz� ��� �e�i�he�a�s disab�ed
—
�8
—
m�
Su���y cu��ent
(S�ee� mode)
VDD = VB�T = �.�V� HSE = 8MHz� PLL = 144MHz�
fHCLK = 0MHz� fPCLK = 7�MHz� ��� �e�i�he�a�s enab�ed
—
�0
—
m�
VDD�� = VB�T = �.�V� HSE = 8MHz� PLL = 144MHz�
fHCLK = 0MHz� fPCLK = 7�MHz� ��� �e�i�he�a�s disab�ed
—
7
—
m�
Su���y cu��ent
(Dee�-S�ee�1
mode)
VDD�� = VB�T = �.�V� ��� c�ock off (HSE/PLL/fHCLK)�
LDO in �ow �owe� mode, LSI on� RTC on
—
66
—
μA
Su���y cu��ent
(Dee�-S�ee��
mode)
VDD�� = VB�T = �.�V� ��� c�ock off (HSE/PLL/fHCLK)�
LDO off (DMOS on), LSI on� RTC on
—
11
—
μA
Su���y cu��ent
(Powe�-Down
mode)
VDD�� = VB�T = �.�V� LDO off� LSE on� LSI off� RTC on
—
4.�
—
μA
VDD�� = VB�T = �.�V� LDO off� LSE on� LSI off� RTC off
—
4.1
—
μA
VDD�� = VB�T = �.�V� LDO off� LSE off� LSI on� RTC on
—
4.�
—
μA
VDD�� = VB�T = �.�V� LDO off� LSE off� LSI on� RTC off
—
4.�
—
μA
IB�T
Batte�y su���y
cu��ent (Powe�-
Down mode)
VDD�� not ��esent� VB�T = �.�V� LDO off� LSE off�
LSI on� RTC on
—
4
—
μA
VDD�� not ��esent� VB�T = �.�V� LDO off� LSE off�
LSI on� RTC off
—
�.9
—
μA
NOTES: 1. HSE is the high s�eed exte�na� osci��ato� whi�e HSI is the 8MHz high s�eed inte�na� osci��ato�.
2. LSE is the �ow s�eed exte�na� osci��ato� whi�e LSI is the ��kHz �ow s�eed inte�na� osci��ato�.
3. RTC means �ea� time c�ock.
4. Code = whi�e (1) { NOP x n } executed in F�ash (n > �00).
Reset and Supply Monitor Characteristics
Table 7. LVD/BOD Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBOD
Vo�tage of B�own Out Detecto�
—
—
�.5
—
V
VLVD
Vo�tage of Low Vo�tage Detecto�
LVDS (Note1) = ‘00’
—
�.7
—
V
LVDS (Note1) = ‘01’
—
�.8
—
V
LVDS (Note1) = ‘10’
—
�.9
—
V
LVDS (Note1) = ‘11’
—
�.0
—
V
VPOR
Vo�tage of Powe� On Reset
—
—
1.�6
—
V
NOTE: LVDS field is in PWRCU LVDCSR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com