Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Rev. 1.10
1� of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Inter-integrated Circuit (I2C)
▀ Support both master and slave mode with a frequency of up to 400 kHz
▀ Provide arbitration function
▀ Supports 7-bit and 10-bit addressing mode and general call addressing
The I2C Module is an internal circuit allowing communication with an external I2C interface which
is an industry standard two line serial interface used for connection to external hardware. These
two serial lines are known as a serial data line, SDA, and a serial clock line, SCL. The I2C module
provides two data transfer rates: (1) 100 kHz in the Standard mode or (2) 400 kHz in the Fast mode.
The SCL period generation register is used to setup different kinds of duty cycle implementation
for the SCL pulse.
The SDA line which is connected to the whole I2C bus is a bi-directional data line between the
master and slave devices used for the transmission and reception of data. The I2C module also
has an arbitration detect function to prevent the situation where more than one master attempts to
transmit data to the I2C bus at the same time.
Serial Peripheral Interface (SPI)
▀ SPI interfaces with a frequency of up to 18 MHz
▀ Support both master and slave mode
▀ FIFO Depth: 8 levels
▀ Multi-master and multi-slave operation
The Serial Peripheral Interface, SPI, provides an SPI protocol data transmit and receive function in
both master and slave mode. The SPI interface uses 4 pins, among which are the serial data input
and output lines MISO and MOSI, the clock line, SCK, and the slave select line, SEL. One SPI
device acts as a master which controls the data flow using the SEL and SCK signals to indicate the
start of the data communication and the data sampling rate. To receive a data byte, the streamed
data bits are latched on a specific clock edge and stored in the data register or in the RX FIFO.
Data transmission is carried in a similar way but with a reverse sequence. The mode fault detection
provides a capability for multi-master applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com