Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Rev. 1.10
16 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Memory Map
Rese�ved
P�ivate �e�i�he�a� bus
Rese�ved
�PB/�HB bit band a�ias
Rese�ved
0xFFFF_FFFF
0xE010_0000
0xE000_0000
0x4400_0000
0x4�00_0000
0x4010_0000
�HB �e�i�he�a�s
�PB �e�i�he�a�s
0x4008_0000
0x4000_0000
Rese�ved
0x��04_0000
SR�M bit band a�ias
0x��00_0000
Rese�ved
0x�000_�000
4 KB on-chi� SR�M
0x�000_1000
� KB on-chi� SR�M
� KB on-chi� SR�M
0x�000_0800
0x�000_0000
Rese�ved
0x1FF0_0400
O�tion Bytes F�ash
0x1FF0_0000
Rese�ved
0x1F00_0800
Boot Loade�
0x1F00_0000
Rese�ved
0x0000_7C00
15 KB on-chi� F�ash
8 KB on-chi� F�ash
8 KB on-chi� F�ash
0x0000_0000
Code
SR�M
Pe�i�he�a�s
51� KB
51� KB
�� MB
�56 KB
1 KB
� KB
HT��F1�5�
HT��F1�5�
HT��F1�51(B)
HT��F1�5�
HT��F1�51(B)
CKCU/RSTCU
Rese�ved
0x4008_�000
0x4010_0000
0x4008_8000
Rese�ved
FMC
0x4008_�000
0x4008_0000
GPTM1
Rese�ved
0x4007_0000
0x4006_F000
GPTM0
0x4006_E000
Rese�ved
0x4006_B000
RTC/PWRCU
0x4006_�000
Rese�ved
0x4006_9000
WDT
0x4006_8000
Rese�ved
0x4004_9000
I�C
0x4004_8000
Rese�ved
0x400�_5000
EXTI
0x400�_4000
Rese�ved
0x400�_�000
�FIO
0x400�_�000
Rese�ved
0x4001_C000
GPIO B
0x4001_B000
GPIO �
0x4001_�000
Rese�ved
0x4001_9000
OP�/CMP
0x4001_8000
Rese�ved
0x4001_1000
�DC
0x4001_0000
Rese�ved
0x4000_5000
SPI
0x4000_4000
Rese�ved
0x4000_1000
US�RT
0x4000_0000
�HB Pe�i�he�a�s
�PB Pe�i�he�a�s
0x0000_�000
0x0000_4000
HT��F1�5�
NOTES: 1. Fo� HT��F1�51(B)� the F�ash memo�y s�ace at 0x0000_�000 to 0x0000_7BFF and the SR�M
memo�y s�ace at 0x�000_0800 to 0x�000_1FFF a�e �ese�ved.
2. Fo� HT��F1�5�� the F�ash memo�y s�ace at 0x0000_4000 to 0x0000_7BFF and the SR�M memo�y
s�ace at 0x�000_1000 to 0x�000_1FFF a�e �ese�ved.
Figure 2. HT32F125x Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com