Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Rev. 1.10
17 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Clock Structure
4-16 MHz
HSE XT�L
8 MHz
HSI RC
�� kHz
LSI RC
��.768 kHz
LSE OSC
WDTSRC
PLLSRC
�HB
P�esca�e�
÷
1���4�8
FCLK
( f�ee �unning c�ock)
HCLKC
( to Co�tex-M�)
STCLK
(to SysTick)
�DC
P�esca�e�
÷
1���4�6�8...
CK_�DC
fCK_AHB,max = 72MHz
CK_WDT
WDTEN
CK_PLL/16
CK_HSI/16
CK_HSE/16
CK_SYS/16
CKOUT
CKOUTSRC[�:0]
HSEEN
HSIEN
LSEEN
LSIEN
fCK_SYS,max = 144MHz
CK_LSI
CK_LSE
CK_�HB/16
CK_HSI
CK_HSE
PCLK
( to OP��
�FIO
GPIO Po�t�
�DC�
SPI�
US�RT�
I�C�
GPTIM�
EXTI�
RTC�
WDT)
14
PLL
C�ock
Monito�
PLLEN
CK_US�RT
CK_LSE
CK_PLL
UREN
CM�EN
(cont�o� by HW)
OP�0EN
WDTEN
(�PB �e�i�he�a�s c�ock gating)
�DCEN
P�esca�e�
÷
1� �
f CK_PLL,max = 144MHz
CK_LSI
HCLKS
( to SR�M)
HCLKF
( to F�ash)
CM�EN
FMCEN
CM�EN
SR�MEN
14
1
0
RTCSRC
CK_RTC
RTCEN
1
0
1
0
CK_�HB
000
001
010
011
100
101
110
CK_SYS
SW[1:0]
0x
11
10
÷
8
Legend: HSE = High S�eed Exte�na� c�ock
HSI = High S�eed Inte�na� c�ock
LSE = Low S�eed Exte�na� c�ock
LSI = Low S�eed Inte�na� c�ock
NOTES: 1. Cont�o� bits LSIEN & LSEEN a�e �ocated at RTC Cont�o� Registe� (RTCCR).
2. HT��F1�51B does not inc�ude the VB�T� XT�L��KIN and XT�L��KOUT �ins.
Figure 3. HT32F125x Clock Structure Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com