Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 35Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Rev. 1.10
�� of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
5 Package Information
Note that the package information provided here is for consultation purposes only. As this
information may be updated at regular intervals users are reminded to consult the Holtek website
(http://www.holtek.com.tw/english/literature/package.pdf) for the latest version of the package
information.
48-pin LQFP (7mmx7mm) Outline Dimensions
48-pin LQFP (7mm´7mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.350
¾
0.358
B
0.272
¾
0.280
C
0.350
¾
0.358
D
0.272
¾
0.280
E
¾
0.020
¾
F
¾
0.008
¾
G
0.053
¾
0.057
H
¾¾
0.063
I
¾
0.004
¾
J
0.018
¾
0.030
K
0.004
¾
0.008
a
0°¾
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
¾
9.10
B
6.90
¾
7.10
C
8.90
¾
9.10
D
6.90
¾
7.10
E
¾
0.50
¾
F
¾
0.20
¾
G
1.35
¾
1.45
H
¾¾
1.60
I
¾
0.10
¾
J
0.45
¾
0.75
K
0.10
¾
0.20
a
0°¾
7°
Package Information
1
May 12, 2010
3
6
2
5
3
7
2
4
1
3
1
2
1
4
8
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
�
0.�50
―
0.�58
B
0.�7�
―
0.�80
C
0.�50
―
0.�58
D
0.�7�
―
0.�80
E
―
0.0�0
―
F
―
0.008
―
G
0.05�
―
0.057
H
―
―
0.06�
I
―
0.004
—
J
0.018
―
0.0�0
K
0.004
―
0.008
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com