Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Rev. 1.10
�6 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
PLL Characteristics
Table 12. PLL Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLIN
PLL in�ut c�ock f�equency
PLLVDD18 = 1.8V
4
—
16
MHz
fPLL
PLL out�ut c�ock f�equency
PLLVDD18 = 1.8V
8
—
144
MHz
tLOCK
PLL �ock time
PLLVDD18 = 1.8V
—
TBD
—
ms
Memory Characteristics
Table 13. Flash Memory Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NENDU
Numbe� of gua�anteed
��og�am /e�ase cyc�es befo�e
fai�u�e. (Endu�ance)
VDD18 =1.8V�
T�= -40°C ~ +85°C
1
—
—
kcyc�es
TRET
Data �etention time
T� = �5°C
100
—
—
Yea�s
tPROG
Wo�d ��og�amming time
VDD18 = 1.8V�
T� = -40°C ~ +85°C
40
—
—
μs
tER�SE
Page e�ase time
VDD18 = 1.8V�
T� = -40°C ~ +85°C
�0
—
40
ms
tMER�SE
Mass e�ase time
VDD18 = 1.8V�
T� = -40°C ~ +85°C
�0
—
40
ms
I/O Port Characteristics
Table 14. I/O Port Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIL
Low �eve� in�ut cu��ent
�.�V IO
VI = 0V� On-chi�
�u��-u� �esiste�
disab�ed.
—
—
�
μA
5V-to�e�ant IO
—
—
�
μA
Reset �in
—
—
�
μA
IIH
High �eve� in�ut cu��ent
�.�V IO
VI = VDD��� On-chi�
�u��-down �esiste�
disab�ed.
—
—
�
μA
5V-to�e�ant IO
—
—
�
μA
Reset �in
—
—
�
μA
VIL
Low �eve� in�ut vo�tage
�.�V IO
-0.�
—
0.8
V
5V-to�e�ant IO
-0.�
—
0.8
V
Reset �in
-0.�
—
0.8
V
VIH
High �eve� in�ut vo�tage
�.�V IO
�
—
�.6
V
5V-to�e�ant IO
�
—
5.5
V
Reset �in
�
—
5.5
V
VHYS
Schmitt T�igge� In�ut
Vo�tage Hyste�esis
�.�V IO
—
400
—
mV
5V-to�e�ant IO
—
400
—
mV
Reset �in
—
400
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com