Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Rev. 1.10
�5 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Internal Clock Characteristics
Table 10. High Speed Internal Clock (HSI) Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
High S�eed Inte�na� Osci��ato�
F�equency (HSI )
VDD�� = �.�V�
T� = -40°C ~ +85°C
TBD
8
TBD
MHz
�CCHSI
HSI Osci��ato� F�equency
accu�acy
Facto�y-t�immed�
VDD�� = �.�V� T� = �5°C
-1
—
+1
%
DHSI
HSI Osci��ato� Duty cyc�e
VDD�� = �.�V� fHSI = 8MHz
�5
—
65
%
IDDHSI
HSI Osci��ato� O�e�ating
Cu��ent
VDD�� = �.�V� fHSI = 8MHz
—
0.9�
—
m�
tSUHSI
HSI Osci��ato� Sta�tu� time
VDD�� = �.�V� fHSI = 8MHz�
HSIRCBL = 0 (HSI Ready
Counte� Bits Length 7 Bits )
—
17
—
μs
NOTE: HSIRCBL field is in PWRCU HSIRCR register
Table 11. Low Speed Internal Clock (LSI) Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Low S�eed Inte�na� Osci��ato�
F�equency(LSI)
VDD�� = VB�T = �.�V�
T� = -40°C ~ +85°C
�5
��
4�
kHz
IDDLSI
LSI Osci��ato� O�e�ating
Cu��ent
VDD�� = VB�T = �.�V�
T� = �5°C
—
1.0
�
μA
tSULSI
LSI Osci��ato� Sta�tu� time
VDD�� = VB�T = �.�V�
T� = �5°C
—
�5
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com