Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Rev. 1.10
�� of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
4 Electrical Characteristics
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the device. These are stress ratings
only. Stresses beyond absolute maximum ratings may cause permanent damage to the device. Note
that the device is not guaranteed to operate properly at the maximum ratings. Exposure to the
absolute maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDD��
Exte�na� main su���y vo�tage
VSS - 0.�
VSS + �.6
V
VDD�
Exte�na� ana�og su���y vo�tage
VSS� - 0.�
VSS� + �.6
V
VB�T
Exte�na� batte�y su���y vo�tage
VSS - 0.�
VSS + �.6
V
VLDOIN
Exte�na� LDO su���y vo�tage
VSS - 0.�
VSS + �.6
V
VIN
In�ut vo�tage on 5V-to�e�ant I/O
VSS - 0.�
VSS + 5.5
V
In�ut vo�tage on othe� I/O
VSS - 0.�
VDD�� + 0.�
V
T�
�mbient o�e�ating tem�e�atu�e �ange
-40
+85
°C
TSTG
Sto�age tem�e�atu�e �ange
-55
+150
°C
TJ
Maximum junction tem�e�atu�e
—
1�5
°C
PD
Tota� �owe� dissi�ation
—
500
mW
VESD
E�ect�ostatic discha�ge vo�tage (human body mode)
-4000
+4000
V
DC Characteristics
Table 4. DC Operating Conditions
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD��
O�e�ating vo�tage of I/O
—
�.7
�.�
�.6
V
VDD�
�na�og o�e�ating vo�tage
—
�.7
�.�
�.6
V
VB�T
O�e�ating vo�tage of Batte�y su���y —
�.7
�.�
�.6
V
VLDOIN
LDO o�e�ating vo�tage
—
�.7
�.�
�.6
V
VDD18
O�e�ating vo�tage of co�e �owe�
—
1.6�
1.8
1.98
V
On-Chip LDO Voltage Regulator Characteristics
Table 5. LDO Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLDOOUT
Inte�na� �egu�ato� out�ut vo�tage VLDOIN = �.�V Regu�ato� in�ut
1.71
1.8
1.89
V
IDD18
Out�ut cu��ent
VLDOIN = �.4V Regu�ato� in�ut
—
—
�00
m�
CLDO
External filter capacitor value for
inte�na� co�e �owe� su���y
The ca�acito� va�ue is
de�endent on the co�e �owe�
cu��ent consum�tion
�.�
—
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com