Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Rev. 1.10
14 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
3 Overview
Device Information
Most features are common to all devices while the main features distinguishing them are Flash
memory and SRAM memory capacities.
Table 1. HT32F125x Series Features and Peripheral List
Peripherals
HT32F1253
HT32F1252
HT32F1251 HT32F1251B
Main F�ash (KB)
�1
16
8
8
O�tion Bytes F�ash (KB)
1
1
1
1
SR�M (KB)
8
4
�
�
GPTM
�
RTC
1
WDT
1
US�RT
1
SPI
1
I�C
1
GPIO
��
�0
EXTI
16
1�-bit �DC
Numbe� of channe�s
1
8 Channe�s
OP�/Com�a�ato�
�
CPU f�equency
U� to 7� MHz
O�e�ating vo�tage
�.7 V ~ �.6 V
O�e�ating tem�e�atu�e
-40
℃ ~ +85 ℃
Package
LQFP48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com