Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Rev. 1.10
19 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
48 47 46 45 44 4� 4� 41 40 �9 �8
1
�
�
4
5
6
7
8
9
10
11
1� 14 15 16 17 18 19 �0 �1 �� ��
�5
�4
��
��
�1
�0
�9
�8
�7
�6
�5
PA0
ADC_IN0
GT1_ETI
PA1
ADC_IN1
-
GT0_Ch3
PA2
ADC_IN2
UR_DCD
GT0_CH2
PA3
ADC_IN3
UR_DSR
GT0_CH1
PA4
ADC_IN4
UR_DTR
GT0_CH0
PA5
ADC_IN5
UR_RI
SPI_MOSI
PA6
ADC_IN6
UR_RTS
/TXE
SPI_MISO
PA7
ADC_IN7
UR_CTS
/SCK
SPI_SCK
PA8
-
UR_RX
SPI_SEL
PA9-
BOOT0
-
UR_TX
-
PA10-
BOOT1
-
-
-
-
-
PB1
XTALOUT
-
-
PB0
XTALIN
GT1_CH0
UR_RI
SPI_MOSI
PB15
GT1_CH1
UR_DTR
SPI_MISO
PB14
GT1_CH2
UR_DSR
SPI_SCK
PB13
GT1_CH3
UR_DCD
SPI_SEL
PB12
VSS33_2
VDD33_2
GT0_CH0
-
PA15
TRACE
SWO
GT0_CH1
-
PA14
SWCLK
GT0_CH2
-
PA13
SWDIO
AF0
(Default)
AF1
AF2
AF3
AF1
AF2
AF3
-
P�� P�� 5VT P�� ��V ��V 5VT 5VT 5VT 5VT
��V
��V
5VT
5VT
5VT
5VT
P��
P��
5VT
5VT
5VT
P18
5VT
5VT
5VT
��V
��V
��V
��V
��V
��V
��V
��V
��V
��V
��V
��V
��V
��V
P��
P��
�P
�P
P18
P��
�P
P18
��V
5VT
5VT
3.3 V Digital Power Pad
3.3 V Analog Power Pad
1.8 V Power Pad
3.3 V I/O Pad
5 V Tolerance I/O Pad
High Current Output
5 V Tolerance I/O Pad
Holtek HT32F1251/52/53
LQFP48
�7
1�
�4
�6
VSSA_2
�P
P��
VSS33_3
AF0
(Default)
Figure 5. HT32F1251/52/53 48LQFP Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com