Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Rev. 1.10
�4 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
External Clock Characteristics
Table 8. High Speed External Clock (HSE) Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE
High S�eed Exte�na� osci��ato�
f�equency (HSE)
VDD�� = �.�V
4
—
16
MHz
CHSE
Recommended �oad ca�acitance on
XT�LIN and XT�LOUT
—
TBD
—
�F
RFHSE
Recommended exte�na� feedback
�esisto� between XT�LIN and
XT�LOUT
—
1.0
—
MΩ
DHSE
HSE Osci��ato� Duty cyc�e
40
—
60
%
IDDHSE
HSE Osci��ato� O�e�ating Cu��ent
VDD�� = �.�V� T� = �5°C
—
0.96
—
m�
ISTBHSE
HSE Osci��ato� Standby cu��ent
VDD�� = �.�V� T� = �5°C
—
—
0.1
μA
tSUHSE
HSE Osci��ato� Sta�tu� time
VDD�� = �.�V� T� = �5°C
—
—
4
ms
Table 9. Low Speed External Clock (LSE) Characteristics
T� = �5°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE
Low S�eed Exte�na� osci��ato�
f�equency (LSE)
VDD�� = VB�T = �.�V
—
��.768
—
kHz
CLSE
Recommended �oad ca�acitance on
XT�L��KIN and XT�L��KOUT �ins —
—
TBD
—
�F
RFLSE
Recommended exte�na� feedback
�esisto� between XT�L��KIN and
XT�L��KOUT �ins
—
—
10
—
MΩ
DLSE
LSE Osci��ato� Duty cyc�e
—
40
—
60
%
IDDLSE
LSE Osci��ato� O�e�ating Cu��ent
VDD�� = VB�T = �.�V�
LSESM = 0 (No�ma�
sta�tu� mode)
—
1.7
—
μA
ISTBLSE
LSE Osci��ato� Standby cu��ent
VDD�� = VB�T = �.�V�
LSESM = 1 (Fast sta�tu�
mode)
—
�
8
μA
tSULSE
LSE Osci��ato� Sta�tu� time
VDD�� = VB�T = �.�V�
LSESM = 1 (Fast sta�tu�
mode)
—
�00
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com