Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F1253 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Rev. 1.10
15 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Block Diagram
TPIU
SW-DP
TR�CESWO
SWDIO
SWCLK
�HB Pe�i�he�a�s
F�ash
Memo�y
Co�texTM-M�
P�ocesso�
fMax: 7� MHz
�HB to �PB
B�idge
NVIC
SR�M
SR�M
Cont�o��e�
FMC Cont�o�
Registe�s
CKCU/RSTCU
Cont�o� Registe�s
S�ave
S�ave
S�ave
1�-bit
S�R �DC
�na�og
OP�/CMP
Powe�ed by VDD�
VDD�
VSS�
CN0� CP0
�OUT0
CN1� CP1
�OUT1
US�RT
SPI
�DC
OP�/CMP
GPIO�
GPIOB
�FIO
EXTI
I�C
WDT
GPTM0
GPTM1
PORB
VB�K �.� V
LSI
�� kHz
LSE
���768 Hz
BREG
Powe�ed by VB�K
VLDOIN
VB�T
VB�K
PWRSW
RTC
PWRCU
PB [15:0]
P� [15:0]
UR_TX� UR_RX
UR_DCD
UR_DSR
UR_DTR
UR_RI
UR_RTS/TXE
UR_CTS/SCK
SPI_MOSI
SPI_MISO
SPI_SCK
SPI_SEL
�DC_IN0
�DC_IN7
nRST
I�C_SD�
I�C_SCL
Powe�ed by �.� V
PLL
fMax: 144 MHz
POR
1.8 V
RTCOUT
W�KEUP
BOOT0
BOOT1
F�ash
Memo�y
Cont�o��e�
XT�L��KIN
XT�L��KOUT
BOD
LVD
XT�LIN
XT�LOUT
VLDOOUT
VDD18
HSI
8 MHz
HSE
4 ~ 16 MHz
Powe�ed by 1.8 V
�F
�F
�F
�F
Powe� su���y:
Bus:
Cont�o� signa�:
��te�nate function:
LDO
1.8 V
�F
Powe�ed by 1.8 V
GT0_CH0
GT0_CH�
GT0_ETI
GT1_CH0
GT1_CH�
GT1_ETI
Maste�
VLDOIN
VSSLDO
NOTE: HT��F1�51B does not inc�ude the VB�T� XT�L��KIN and XT�L��KOUT �ins.
Figure 1. HT32F125x Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com