Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
38
The DF1 response is defined by the following equations:
1
3
1
2
1
3
2
1
1
]
1
[
]
1
[
]
[
]
[
−
−
−
+
=
=
−
+
−
+
=
z
c
z
c
c
x
y
H
n
y
c
n
x
c
n
x
c
n
y
The DF1 filters may be enabled on the left and right channels using the SE1_DF1_L_ENA and
SE1_DF1_R_ENA register bits defined in Table 13. For the derivation of the other associated
registers, refer to the configuration tools supplied with the WM8948 Evaluation Kit.
The DF1 filter can be used to implement very complex response patterns, with specific phase and
gain responses at different frequencies. Typical applications of this type of filter include the
application of refinements or compensations to the 3D enhancement or other user-selected filters.
RETUNE
TM FILTER
The ReTune™ filter is part of the SE2 block. This is a very advanced feature that is intended to
perform frequency linearization according to the particular needs of the application microphone,
loudspeaker or housing. The ReTune™ algorithms can provide acoustic equalisation and selective
phase (delay) control of specific frequency bands. The left and right ReTune™ filters are enabled
using the SE2_RETUNE_L_ENA and SE2_RETUNE_R_ENA register bits defined in Table 14.
For the derivation of the other ReTune™ configuration parameters, the Wolfson WISCE™ software
must be used to analyse the requirements of the application. (Refer to WISCE for further
information.) If desired, one or more sets of register coefficients might be derived for different
operating scenarios, and these may be recalled and written to the CODEC registers as required in
the target application. The ReTune™ configuration procedure involves the generation and analysis of
test signals as outlined below.
To determine the characteristics of the microphone in an application, a test signal is applied to a
loudspeaker that is in the acoustic path to the microphone. The received signal through the
application microphone is analysed and compared with the received signal from a reference
microphone in order to determine the characteristics of the application microphone.
To determine the characteristics of the loudspeaker in an application, a test signal is applied to the
target application. A reference microphone is positioned in the normal acoustic path of the
loudspeaker, and the received signal is analysed to determine how accurately the loudspeaker has
reproduced the test signal.
5-BAND EQ
The 5-band EQ is part of the SE2 block. This function allows 5 frequency bands to be controlled. The
upper and lower frequency bands are controlled by low-pass and high-pass filters respectively. The
middle three frequency bands are bandpass/notch filters. The cut-off / centre frequency of each filter
is programmable, and up to 12dB gain or attenuation can be selected in each case. The left and right
channel parameters may be programmed individually. The 5-band EQ may be enabled on the left
channel using the SE2_5BEQ_L_ENA register bit defined in Table 14. For the derivation of the other
associated registers, refer to the WISCE software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com