Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
P_PGAR_SEL
[1:0]
01
Right Input PGA Non-Inverting Input
Select
00 = Connected to IN2R
01 = Connected to IN1R
10 = Connected to AUX2
11 = Reserved
1:0
P_PGAL_SEL
[1:0]
01
Left Input PGA Non-Inverting Input
Select
00 = Connected to IN2L
01 = Connected to IN1L
10 = Connected to AUX1
11 = Reserved
Table 2 Input PGA Configuration
MICROPHONE BIAS CONTROL
The WM8948 provides a low noise reference voltage suitable for biasing electret condenser (ECM)
type microphones via an external resistor. Refer to the “Applications Information” section for
recommended components. The MICBIAS voltage is enabled using the MICB_ENA register bit; the
voltage can be selected using the MICB_LVL bit, as described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
R39 (27h)
Input Ctrl
6
MICB_LVL
0
Microphone Bias Voltage control
0 = 0.9 x LDOVOUT
1 = 0.65 x LDOVOUT
Table 3 Microphone Bias Control
INPUT PGA GAIN CONTROL
The volume control gain for the Left and Right channels can be independently adjusted using the
PGAL_VOL and PGAR_VOL register fields as described in Table 4. The gain range is -12dB to
+35.25dB in 0.75dB steps. The gains on the inverting and non-inverting inputs to the PGAs are
always equal. Each input PGA can be independently muted using the PGA mute bits.
To prevent "zipper noise", a zero-cross function is provided on the input PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA. See “Clocking and Sample Rates” for the definition of
this bit. Note that the zero-cross function can be supported without TOCLK enabled, but the timeout
function will not be provided in this case.
The PGA_VU bits control the loading of the input PGA volume data. When PGA_VU is set to 0, the
PGA volume data will be loaded into the respective control register, but will not actually change the
gain setting. The left and right input PGA volume settings are both updated when a 1 is written to
PGA_VU; this makes it possible to update the gain of the left and right signal paths simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com