Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
9
THERMAL PERFORMANCE
Thermal analysis should be performed in the intended application to prevent the WM8948 from
exceeding maximum junction temperature. Several contributing factors affect thermal performance
most notably the physical properties of the mechanical enclosure, location of the device on the PCB
in relation to surrounding components and the number of PCB layers. Connecting the GND balls
through thermal vias and into a large ground plane will aid heat extraction.
Three main heat transfer paths exist to surrounding air as illustrated below in Figure 1:
-
Package top to air (radiation).
-
Package bottom to PCB (radiation).
-
Package balls to PCB (conduction).
Figure 1 Heat Transfer Paths
The temperature rise TR is given by TR = PD * ӨJA
-
PD is the power dissipated in the device.
-
ӨJA is the thermal resistance from the junction of the die to the ambient temperature
and is therefore a measure of heat transfer from the die to surrounding air. ӨJA is
determined with reference to JEDEC standard JESD51-9.
The junction temperature TJ is given by TJ = TA +TR, where TA is the ambient temperature.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating temperature range
TA
-40
85
°C
Operating junction temperature
TJ
-40
125
°C
Thermal Resistance
(Junction to Case)
ӨJC
30
°C/W
Thermal Resistance
(Junction to Ambient)
ӨJA
60
°C/W
Notes:
1.
Junction temperature is a function of ambient temperature and of the device operating conditions. The ambient
temperature limits and junction temperature limits must both be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com