Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 100Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
98
When a pin is configured as a GPIO output, its level can be set to logic 0 or logic 1 using the
GPn_LVL field. When a pin is configured as a GPIO input, the logic level can be read from the
respective GPn_LVL bit. The GPIO output is inverted with respect to the GPn_LVL register when the
polarity bit GPn_POL is set; the equivalent is true of GPIO inputs also.
Internal pull-up and pull-down resistors may be enabled using the GPn_PULL fields; this allows
greater flexibility to interface with different signals from other devices.
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event. This may be configured as level-triggered or edge-triggered using the GPn_FN
registers. Edge detect raises an interrupt when the GPIO status changes; level detect asserts the
interrupt for as long as the GPIO status is asserted. See “Interrupts”.
An edge-triggered GPIO can be configured to trigger on a single edge or on both edges of the input
signal; this is selected using the GPn_INT_MODE registers. A level-triggered or single-edge-
triggered input may be configured using the GPn_POL registers to respond to a high level/edge
(when GPn_POL = 0) or a low level/edge (when GPn_POL = 1).
The GPIO control fields are defined in Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
GPIO Config
0
GPIO_MODE
0
CIFMODE/GPIO3 pin configuration
0 = Pin configured as CIFMODE
1 = Pin configured as GPIO3
Note - when this bit is set to 1, it is
latched and cannot be reset until
Power-Off or Software Reset.
R12 (0Ch)
GPIO1
Control
15
GP1_DIR
1
GPIO1 Pin Direction
0 = Output
1 = Input
14:13
GP1_PULL [1:0]
00
GPIO1 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
GP1_INT_
MODE
0
GPIO1 Interrupt Mode
0 = GPIO interrupt is rising edge
triggered (if GP1_POL=0) or falling
edge triggered (if GP1_POL =1)
1 = GPIO interrupt is triggered on
rising and falling edges
10
GP1_POL
0
GPIO1 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP1_LVL
0
GPIO1 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP1_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP1_FN [3:0]
0000
GPIO1 Pin Function
(see Table 64 for details)
R13 (0Dh)
GPIO2
Control
15
GP2_DIR
1
GPIO2 Pin Direction
0 = Output
1 = Input
14:13
GP2_PULL [1:0]
00
GPIO2 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com